Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FDFP Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # M38K02FDFP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FDFP Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button M38K02FDFP Datasheet HTML 125Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 126Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 127Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 128Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 129Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 130Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 131Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 132Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 328 page
background image
FUNCTIONAL DESCRIPTION SUPPLEMENT
Rev.2.00
Oct 05, 2006
page 112 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Figures 138 shows the A/D conversion equivalent circuit, and Fig-
ure 139 shows the A/D conversion timing chart.
Fig. 138 A/D conversion equivalent circuit
Fig. 139 A/D conversion timing chart
VSS
VCC
VSS
VCC
AN0
AN1
AN2
AN3
AN4
VREF
VSS
Vref
VIN
C
b1 b0
b2
About 2 kW
Sampling
clock
AD control register
Built-in
D/A converter
Reference
clock
Chopper
amplifier
AD conversion register 2
AD conversion register 1
AD conversion interrupt request
AN5
AN6
AN7
Write signal for AD
control register
AD conversion
completion bit
Sampling clock
φ
61 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com