| Electronic Components Datasheet Search |
|
M38K02FDFP Datasheet(PDF) 135 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K02FDFP Datasheet(HTML) 135 Page - Renesas Technology Corp |
|
135 / 328 page ![]() 2.1 I/O port Rev.2.00 Oct 05, 2006 page 6 of 111 38K0 Group REJ09B0337-0200 APPLICATION 2.1.4 Notes on input and output pins (1) Modifying output data with bit managing instruction When the port latch of an I/O port is modified with the bit managing instruction*1, the value of the unspecified bit may be changed. q Reason The bit managing instructions are read-modify-write form instructions for reading and writing data by a byte unit. Accordingly, when these instructions are executed on a bit of the port latch of an I/O port, the following is executed to all bits of the port latch. • As for a bit which is set for an input port : The pin state is read in the CPU, and is written to this bit after bit managing. • As for a bit which is set for an output port : The bit value of the port latch is read in the CPU, and is written to this bit after bit managing. Note the following : • Even when a port which is set as an output port is changed for an input port, its port latch holds the output data. • As for a bit of the port latch which is set for an input port, its value may be changed even when not specified with a bit managing instruction in case where the pin state differs from its port latch contents. *1 bit managing instructions : SEB, and CLB instructions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |