Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FDFP Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # M38K02FDFP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FDFP Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button M38K02FDFP Datasheet HTML 206Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 207Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 208Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 209Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 210Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 211Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 212Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 213Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 328 page
background image
2.9 Reset
Rev.2.00
Oct 05, 2006
page 81 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
2.9 Reset
2.9.1 Connection example of reset IC
Fig. 2.9.1 Example of poweron reset circuit
Figure 2.9.2 shows the system example which switches to the RAM backup mode by detecting a drop of
the system power source voltage with the INT interrupt.
Fig. 2.9.2 RAM backup system
VCC
RESET
VSS
General-purpose
reset IC
GND
1
3
4
5
0.1
µF
Power source
Output
Delay capacity
38K0 Group
VCC
RESET
1
5
RESET
INT
Cd
VCC1
VCC2
V1 GND
2
6
3
7
M62009L, M62009P, M62009FP
4
INT
VSS
System power
source voltage
+5 V
+
38K0 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com