| Electronic Components Datasheet Search |
|
M38046F9HKP Datasheet(PDF) 221 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38046F9HKP Datasheet(HTML) 221 Page - Renesas Technology Corp |
|
221 / 387 page ![]() 2-97 APPLICATION 2.5 Multi-master I2C-BUS interface Rev.1.00 Jan 14, 2005 REJ09B0212-0100Z 3804 Group (Spec.H) ➀ After START condition, the masters, which have different speed, simultaneously start clock transmission. ➁ The SCL outputs “L” because (A) finished counting “H” output; then (B)’s “H” output counting is interrupted and (B) starts counting “L” output. ➂ The (A) outputs “H” because (A) finished counting “L” term; the SCL level does not become “H” because (B) outputs “L”, and counting “H” term does not start but stop. ➃ (B) outputs “L” term. ➄ The SCL outputs “H” because (B) finished counting “L” term; then (B)’s “H” output counting is started at the same time as (A). ➅ The SCL outputs “L” because (A) first finished counting “H” output; then (B)’s “H” output counting is interrupted and (B) starts counting “L” output. ➆ The above are repeatedly performed. (2) Clock synchronization during communication In the I2C-BUS, the slave device is permitted to retain the SCL line “L” and become waiting status for transmission from the master. By byte unit, for the reception preparation of the slave device, the master can become waiting status by making the SCL line “L”, which is after completion of byte reception or the ACK. By bit unit, it is possible to slow down a clock speed by retaining the clock line “L” for slave devices having limited hardware. The 3804 group can transmit data correctly without reduction of data bits toward waiting status request from the slave device. It is because the synchronization circuit is included for the case when retaining the SCL line “L” as an internal hardware. After the last bit, including the ACK bit, of a transmission/reception data byte, the SCL line automatically remains “L” and waiting status is generated until completion of an interrupt process or reception preparation. (3) Arbitration lost A plural master exists on the same bus in the I2C-BUS and there are possibility to start communication simultaneously. Even when the master devices having the same transmission frequency start communication simultaneously, which device must transmit data correctly. Accordingly, there is the definition to detect a communication confliction on the SDA line in the I2C-BUS. The SDA line is output at the timing synchronized by the SCL, however, the synchronization among the SDA signals is not performed. Fig. 2.5.19 SCL waveforms when synchronizing clocks SCL(A) SCL(B) SCL ➀ ➁ ➂ ➃ ➄ ➅ ➆ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |