| Electronic Components Datasheet Search |
|
M38049FAHKP Datasheet(PDF) 287 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38049FAHKP Datasheet(HTML) 287 Page - Renesas Technology Corp |
|
287 / 387 page ![]() 2-163 APPLICATION 2.13 Flash memory mode Rev.1.00 Jan 14, 2005 REJ09B0212-0100Z 3804 Group (Spec.H) ➀ When control signals are not affected to user system circuit When the control signals in the standard serial I/O mode are not used or not affected to the user system circuit, they can be connected as shown in Figure 2.13.7. Fig. 2.13.7 Connection example in standard serial I/O mode (1) ➁ When control signals are affected to user system circuit-1 Figure 2.13.8 shows an example that the jumper switch cut-off the control signals not to supply to the user system circuit in the standard serial I/O mode. Fig. 2.13.8 Connection example in standard serial I/O mode (2) M38049FFHSP/FP/HP/KP RESET CNVSS TXD(P45) SCLK1(P46) RXD(P44) BUSY(P47) VSS VCC AVSS Target board Not used or to user system circuit ✽1 User reset signal (Low active) ✽1: When not used, set to input mode and pull up or pull down, or set to output mode and open. ✽2: It is necessary to apply Vcc to SCLK1 (P46) pin only when reset is released in the serial I/O mode 1. It is necessary to apply Vss to SCLK1 (P46) pin only when reset is released in the serial I/O mode 2. ✽2 XIN XOUT M38049FFHSP/FP/HP/KP RESET CNVSS TXD(P45) SCLK1(P46) RXD(P44) BUSY(P47) VSS VCC AVSS Target board To user system circuit User reset signal (Low active) ✽: It is necessary to apply Vcc to SCLK1 (P46) pin only when reset is released in the serial I/O mode 1. It is necessary to apply Vss to SCLK1 (P46) pin only when reset is released in the serial I/O mode 2. ✽ XIN XOUT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |