| Electronic Components Datasheet Search |
|
ADE8052Z-DWDL1 Datasheet(PDF) 136 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE8052Z-DWDL1 Datasheet(HTML) 136 Page - Analog Devices |
|
136 / 148 page ![]() ADE5166/ADE5169 Rev. 0 | Page 136 of 148 SPITx SPI INTERRUPT AND STATUS FLAGS The SPI interface has several status flags that indicate the status of the double-buffered receive and transmit registers. Figure 107 shows when the status and interrupt flags are raised. The transmit interrupt occurs when the transmit shift register is loaded with the data in the SPI/I2C transmit buffer SFR (SPI2CTx, Address 0x9A) register. If the SPI master is in transmit operating mode, and the SPI/I2C transmit buffer SFR (SPI2CTx, Address 0x9A) register has not been written with new data by the beginning of the next byte transfer, the transmit operation stops. When a new byte of data is received in the SPI/I2C receive buffer SFR (SPI2CRx, Address 0x9B), the SPI receive interrupt flag is raised. If the data in the SPI/I2C receive buffer SFR (SPI2CRx, Address 0x9B) is not read before new data is ready to be loaded into the SPI/I2C receive buffer SFR (SPI2CRx, Address0x9B), an overflow condition has occurred. This overflow condition, indicated by the SPIRxOF flag, forces the new data to be discarded or overwritten if the RxOFW bit (SPIMOD1, Address 0xE8) is set. TRANSMIT SHIFT REGISTER SPITxIRQ = 1 SPITx (EMPTY) TRANSMIT SHIFT REGISTER STOPS TRANSFER IF TIMODE = 1 SPIRx RECEIVE SHIFT REGISTER SPIRxIRQ = 1 SPIRx (FULL) RECEIVE SHIFT REGISTER SPIRxOF = 1 Figure 107. SPI Receive and Transmit Interrupt and Status Flags SCLK (SPICPOL = 1) SCLK (SPICPOL = 0) SS MISO MOSI SPIRx AND SPITx FLAGS WITH INTMOD = 1 SPIRx AND SPITx FLAGS WITH INTMOD = 0 SPIRx AND SPITx FLAGS WITH INTMOD = 0 SPICPHA = 1 MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB ? MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB ? MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB ? MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB ? MISO MOSI SPIRx AND SPITx FLAGS WITH INTMOD = 1 SPICPHA = 0 Figure 108. SPI Timing Configurations |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |