Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 125 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 125 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 121Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 122Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 123Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 124Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 125Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 126Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 127Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 128Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 129Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 148 page
background image
ADE5166/ADE5169
()
[]
()
Rev. 0 | Page 125 of 148
Because Timer 2 has 16-bit autoreload capability, very low baud
rates are still possible. Timer 2 is selected as the baud rate generator
by setting TCLK and/or RCLK in Timer/Counter 2 control SFR
(T2CON, Address 0xC8). The baud rates for transmit and receive
can be simultaneously different. Setting RCLK and/or TCLK puts
Timer 2 into its baud rate generator mode, as shown in Figure 102.
In this case, the baud rate is given by the following formula:
Mode 1 or Mode 3 Baud Rate =
L
RCAP
H
RCAP
f
CORE
2
:
2
65536
16
−
×
UART Timer Generated Baud Rates
The high integer dividers in a UART block mean that high speed
baud rates are not always possible. In addition, generating baud
rates requires the exclusive use of a timer, rendering it unusable
for other applications when the UART is required. To address
this problem, each ADE5166/ADE5169 has a dedicated baud
rate timer (UART timer) specifically for generating highly
accurate baud rates. The UART timer can be used instead of
Timer 1 or Timer 2 for generating very accurate high speed
UART baud rates, including 115,200 bps. This timer also allows
a much wider range of baud rates to be obtained. In fact, every
desired bit rate from 12 bps to 393,216 bps can be generated to
within an error of ±0.8%. The UART timer also frees up the other
three timers, allowing them to be used for different applications.
A block diagram of the UART timer is shown in Figure 101.
fCORE
÷(1 + SBAUDF/64)
UART TIMER
Rx/Tx CLOCK
UARTBAUDEN
Rx CLOCK
Tx CLOCK
TIMER 1/TIMER 2
Rx CLOCK
FRACTIONAL
DIVIDER
0
0
1
1
TIMER 1/TIMER 2
Tx CLOCK
÷2DIV + SBTH
÷32
Figure 101. UART Timer, UART Baud Rate
Two SFRs, enhanced serial baud rate control SFR (SBAUDT,
Address 0x9E) and UART timer fractional divider SFR (SBAUDF,
Address 0x9D), are used to control the UART timer. SBAUDT is
the baud rate control SFR; it sets up the integer divider (DIV) and
the extended divider (SBTH) for the UART timer.
The appropriate value to write to DIV (Bits[2:0]) and SBTH
(Bits[4:3]) can be calculated using the following formula, where
fCORE is defined in the POWCON SFR (see Table 25). Note that
the DIV value must be rounded down to the nearest integer.
()
2
log
16
log
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
=
+
Rate
Baud
f
SBTH
DIV
CORE
fCORE
T2 PIN
(P1.4/T2/FP23)
T2EX PIN
(P1.3/T2EX/FP24)
TR2
CONTROL
TL2
(8 BITS)
(8 BITS)
TH2
RELOAD
EXEN2
CONTROL
TRANSITION
DETECTOR
EXF 2
TIMER 2
INTERRUPT
RCAP2L
RCAP2H
TIMER 2
OVERFLOW
2
16
16
RCLK
TCLK
Rx
CLOCK
Tx
CLOCK
0
1
0
1
1
0
SMOD
TIMER 1
OVERFLOW
C/ T2 = 0
C/ T2 = 1
NOTE: AVAILABILITY OF ADDITIONAL
EXTERNAL INTERRUPT
P1.4/T2/FP23
Figure 102. Timer 2, UART Baud Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com