| Electronic Components Datasheet Search |
|
AT83C5123XXX-RARUM Datasheet(PDF) 179 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83C5123XXX-RARUM Datasheet(HTML) 179 Page - ATMEL Corporation |
|
179 / 208 page ![]() 179 AT83R5122, AT8xC5122/23 4202F–SCR–07/2008 Figure 108. Power-down Exit Waveform Exit from power-down by reset redefines all the SFRs, exit from power-down by external interrupt does no affect the SFRs. Exit from power-down by either reset or external interrupt does not affect the internal RAM content. Note: If idle mode is activated with power-down mode (IDL and PD bits set), the exit sequence is unchanged, when execution is vectored to interrupt, PD and IDL bits are cleared and idle mode is not entered. Table shows the state of ports during idle and power-down modes. Note: 1. Port 0 can force a 0 level. A "one" will leave port floating. Reduced EMI Mode The ALE signal is used to demultiplex address and data buses on port 0 when used with external program or data memory. Nevertheless, during internal code execution, ALE signal is still generated. In order to reduce EMI, ALE signal can be disabled by setting AO bit. The AO bit is located in AUXR register at bit location 0. As soon as AO is set, ALE is no longer output but remains active during MOVX and MOVC instructions and external fetches. During ALE disabling, ALE pin is weakly pulled high. INT1 INT0 XTAL1 Power-down phase Oscillator restart phase Active phase Active phase Table State of Ports Mode Program Memory ALE PSEN P0 P1 P2 P3 P4 P5 Idle Internal 1 1 Port Data(1) Port Data Port Data Port Data Port Data Port Data Idle External 1 1 Floating Port Data Address Port Data Port Data Port Data Power-down Internal 0 0 Port Dat* Port Data Port Data Port Data Port Data Port Data Power-down External 0 0 Floating Port Data Port Data Port Data Port Data Port Data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |