Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB081D Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT45DB081D
Description  8-megabit 2.5-volt or 2.7-volt DataFlash
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081D Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT45DB081D_08 Datasheet HTML 3Page - ATMEL Corporation AT45DB081D_08 Datasheet HTML 4Page - ATMEL Corporation AT45DB081D_08 Datasheet HTML 5Page - ATMEL Corporation AT45DB081D_08 Datasheet HTML 6Page - ATMEL Corporation AT45DB081D_08 Datasheet HTML 7Page - ATMEL Corporation AT45DB081D_08 Datasheet HTML 8Page - ATMEL Corporation AT45DB081D_08 Datasheet HTML 9Page - ATMEL Corporation AT45DB081D_08 Datasheet HTML 10Page - ATMEL Corporation AT45DB081D_08 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
7
3596I–DFLASH–4/08
AT45DB081D
during the page boundary crossover (the crossover from the end of one page to the beginning of
the next page). When the last bit in the main memory array has been read, the device will con-
tinue reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays will be incurred when wrapping around from the end of the array to the
beginning of the array. A low-to-high transition on the CS pin will terminate the read operation
and tri-state the output pin (SO). The Continuous Array Read bypasses both data buffers and
leaves the contents of the buffers unchanged.
6.4
Main Memory Page Read
A main memory page read allows the user to read data directly from any one of the 4,096 pages
in the main memory, bypassing both of the data buffers and leaving the contents of the buffers
unchanged. To start a page read from the DataFlash standard page size (264 bytes), an opcode
of D2H must be clocked into the device followed by three address bytes (which comprise the
24-bit page and byte address sequence) and 4 don’t care bytes. The first 12 bits (PA11 - PA0) of
the 21-bit address sequence specify the page in main memory to be read, and the last 9 bits
(BA8 - BA0) of the 21-bit address sequence specify the starting byte address within that page.
To start a page read from the binary page size (256 bytes), the opcode D2H must be
clocked into the device followed by three address bytes and 4 don’t care bytes. The first 12 bits
(A19 - A8) of the 20-bits sequence specify which page of the main memory array to read, and
the last 8 bits (A7 - A0) of the 20-bits address sequence specify the starting byte address within
the page. The don’t care bytes that follow the address bytes are sent to initialize the read opera-
tion. Following the don’t care bytes, additional pulses on SCK result in data being output on the
SO (serial output) pin. The CS pin must remain low during the loading of the opcode, the
address bytes, the don’t care bytes, and the reading of data. When the end of a page in main
memory is reached, the device will continue reading back at the beginning of the same page. A
low-to-high transition on the CS pin will terminate the read operation and tri-state the output pin
(SO). The maximum SCK frequency allowable for the Main Memory Page Read is defined by the
f
SCK specification. The Main Memory Page Read bypasses both data buffers and leaves the con-
tents of the buffers unchanged.
6.5
Buffer Read
The SRAM data buffers can be accessed independently from the main memory array, and utiliz-
ing the Buffer Read Command allows data to be sequentially read directly from the buffers. Four
opcodes, D4H or D1H for buffer 1 and D6H or D3H for buffer 2 can be used for the Buffer Read
Command. The use of each opcode depends on the maximum SCK frequency that will be used
to read data from the buffer. The D4H and D6H opcode can be used at any SCK frequency up to
the maximum specified by f
CAR1. The D1H and D3H opcode can be used for lower frequency
read operations up to the maximum specified by f
CAR2.
To perform a buffer read from the standard DataFlash buffer (264 bytes), the opcode must be
clocked into the device followed by three address bytes comprised of 15 don’t care bits and
9 buffer address bits (BFA8 - BFA0). To perform a buffer read from the binary buffer (256 bytes),
the opcode must be clocked into the device followed by three address bytes comprised of
16 don’t care bits and 8 buffer address bits (BFA7 - BFA0). Following the address bytes, one
don’t care byte must be clocked in to initialize the read operation. The CS pin must remain low
during the loading of the opcode, the address bytes, the don’t care bytes, and the reading of
data. When the end of a buffer is reached, the device will continue reading back at the beginning
of the buffer. A low-to-high transition on the CS pin will terminate the read operation and tri-state
the output pin (SO).


Similar Part No. - AT45DB081D_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_09 Datasheet
1Mb / 54P
8-megabit 2.5-volt or 2.7-volt DataFlash
More results

Similar Description - AT45DB081D_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081B ATMEL-AT45DB081B Datasheet
414Kb / 32P
8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB081B ATMEL-AT45DB081B_05 Datasheet
530Kb / 33P
8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB041B ATMEL-AT45DB041B Datasheet
512Kb / 35P
4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041D ATMEL-AT45DB041D_07 Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D Datasheet
1Mb / 53P
16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041D ATMEL-AT45DB041D_08 Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D_09 Datasheet
1Mb / 56P
16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_09 Datasheet
1Mb / 54P
8-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB041D ETC2-AT45DB041D Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com