Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT52SC1284J-70CI Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT52SC1284J-70CI
Description  128-Mbit Flash 32-Mbit/64-Mbit
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1284J-70CI Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT52SC1284J-70CI Datasheet HTML 17Page - ATMEL Corporation AT52SC1284J-70CI Datasheet HTML 18Page - ATMEL Corporation AT52SC1284J-70CI Datasheet HTML 19Page - ATMEL Corporation AT52SC1284J-70CI Datasheet HTML 20Page - ATMEL Corporation AT52SC1284J-70CI Datasheet HTML 21Page - ATMEL Corporation AT52SC1284J-70CI Datasheet HTML 22Page - ATMEL Corporation AT52SC1284J-70CI Datasheet HTML 23Page - ATMEL Corporation AT52SC1284J-70CI Datasheet HTML 24Page - ATMEL Corporation AT52SC1284J-70CI Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
Notes:
1. Default State
2. Burst configuration setting of B13 - B11 = 010 (clock latency of two), B9 = 1 (hold data for two clock cycles) and B8 = 1
(WAIT asserted one clock cycle before data is valid) is not supported.
3. Data is not ready when WAIT is asserted.
Figure 10-1. Output Configuration
9.
Burst Configuration Register
B15
0
1
(1)
Synchronous Burst Reads Enabled
Asynchronous Reads Enabled
B14
0
(1)
Four-word Page
B13 - B11:
010
(2)
011
100
101
110
(1)
Clock Latency of Two
Clock Latency of Three
Clock Latency of Four
Clock Latency of Five
Clock Latency of Six
B10
0
1
(1)(3)
WAIT Signal is Asserted Low
WAIT Signal is Asserted High
B9
0
1
(1)
Hold Data for One Clock
Hold Data for Two Clocks
B8
0
1
(1)
WAIT Asserted during Clock Cycle in which Data is Valid
WAIT Asserted One Clock Cycle before Data is Valid
B7
1
(1)
Linear Burst Sequence
B6
0
1
(1)
Burst Starts and Data Output on Falling Clock Edge
Burst Starts and Data Output on Rising Clock Edge
B5 - B4
00
(1)
Reserved for Future Use
B3
0
1
(1)
Wrap Burst Within Burst length set by B2 - B0
Don’t Wrap Accesses Within Burst Length set by B2 - B0
B2 - B0
001
010
011
111
(1)
Four-word Burst
Eight-word Burst
Sixteen-word Burst
Continuous Burst
10. Clock Latency versus Input Clock Frequency
Minimum Clock Latency
(Minimum Number of Clocks Following Address Latch)
Input Clock Frequency
5, 6
≤ 66 MHz
4
≤ 61 MHz
2, 3
≤ 40 MHz
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
CLK
I/00 - I/015
I/00 - I/015
1 CLK
Data Hold
(B9 = 0)
2 CLK
Data Hold
(B9 = 1)


Similar Part No. - AT52SC1284J-70CI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT520 ETC2-AT520 Datasheet
3Mb / 33P
   Accessories Hardware
AT520 ETC-AT520 Datasheet
3Mb / 34P
   Accessories Hardware
logo
Coilcraft lnc.
AT524PYA COILCRAFT-AT524PYA Datasheet
325Kb / 3P
   200째C Power Inductors
AT524PYA102MLZ COILCRAFT-AT524PYA102MLZ Datasheet
325Kb / 3P
   200째C Power Inductors
AT524PYA103MLZ COILCRAFT-AT524PYA103MLZ Datasheet
325Kb / 3P
   200째C Power Inductors
More results

Similar Description - AT52SC1284J-70CI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
logo
ATMEL Corporation
AT52BC6402A ATMEL-AT52BC6402A Datasheet
335Kb / 38P
   64 MBIT FLASH 16 MBIT PSRAM
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL064N CYPRESS-S29GL064N Datasheet
972Kb / 78P
   64 Mbit, 32 Mbit 3 V Page Mode MirrorBit Flash
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Microchip Technology
JS28F128P33TF70A MICROCHIP-JS28F128P33TF70A Datasheet
3Mb / 88P
   128-Mbit, 64-Mbit Single Bit per Cell (SBC)
2011 - 208034-04
logo
ATMEL Corporation
AT52BC3221A ATMEL-AT52BC3221A Datasheet
511Kb / 35P
   32-Mbit Flash 8-Mbit PSRAM Stack Memory
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com