Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX2000-1CSG896 Datasheet(PDF) 221 Page - Actel Corporation

Part # AX2000-1CSG896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896 Datasheet(HTML) 221 Page - Actel Corporation

Back Button AX2000-1CSG896 Datasheet HTML 217Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 218Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 219Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 220Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 221Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 222Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 223Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 224Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 225Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 226 page
background image
Axcelerator Family FPGAs
v2.7
4 -1
Datasheet Information
List of Changes
The following table lists critical changes that were made in the current version of the document.
Previous Version
Changes in Current Version (v2.7)
Page
v2.6
RoHS-compliant information was added to the "Ordering Information".
ii
ACTgen was changed to SmartGen because ACTgen was obsolete.
N/A
v2.5
In Table 2-4, the units for the PLOAD, P10, and PI/O were updated from mW/MHz to mW/MHz.
2-2
In the "Pin Descriptions"section, the HCLK and CLK descriptions were updated to include tie-off
information.
2-9
The "Global Resource Distribution" section was updated.
2-59
The " 624-Pin CCGA" table was updated.
3-103
v2.4
A note was added to Table 2-2.
2-1
In the "Package Thermal Characteristics", the temperature was changed from 150°C to 125°C.
2-6
v2.3
Revised ordering information and timing data to reflect phase out of –3 speed grade options.
Table 2-3 was updated.
2
v2.2
The "Packaging Data" section is new.
iii
Table 2-2 was updated.
2-1
"VCCDA Supply Voltage" was updated.
2-9
"PRA/B/C/D Probe A/B/C/D" was updated.
2-10
The "User I/Os" was updated.
2-10
v2.1
Figure 1-3 was updated.
1-3
Table 2-2 was updated.
2-1
The "Power-Up/Down Sequence" section was updated.
2-1
Table 2-4 was updated.
2-2
Table 2-5 was updated.
2-3
The "Timing Characteristics" section was added.
2-7
Table 2-7 was updated.
2-7
Figure 2-1 was updated.
2-8
The External Setup and Clock-to-Out (Pad-to-Pad) equations in the "Hardwired Clock – Using
LVTTL 24mA High Slew Clock I/O" section were updated.
2-8
The External Setup and Clock-to-Out (Pad-to-Pad) in the "Routed Clock – Using LVTTL 24mA
High Slew Clock I/O" section were updated.
2-8
The "Global Pins" section was updated.
2-9
The "User I/Os" section was updated.
2-10
Table 2-17 was updated.
2-17
Figure 2-8 was updated.
2-18
Figure 2-13 and Figure 2-14 were updated.
2-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com