Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BHX Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 105Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 106Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 107Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 108Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 109Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 110Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 111Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 112Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 186 page
background image
ST7263Bxx
On-chip peripherals
Doc ID 7516 Rev 8
109/186
11.5
I²C bus interface
11.5.1
Introduction
The I²C bus interface serves as an interface between the microcontroller and the serial I²C
bus. It provides both multimaster and slave functions, and controls all I²C bus-specific
sequencing, protocol, arbitration and timing. It supports fast I²C mode (400 kHz).
11.5.2
Main features
●
Parallel-bus/I²C protocol converter
●
Multimaster capability
●
7-bit addressing
●
Transmitter/receiver flag
●
End-of-byte transmission flag
●
Transfer problem detection
I²C master features
●
Clock generation
●
I²C bus busy flag
●
Arbitration Lost Flag
●
End of byte transmission flag
●
Transmitter/Receiver Flag
●
Start bit detection flag
●
Start and Stop generation
I²C slave features
●
Stop bit detection
●
I²C bus busy flag
●
Detection of misplaced start or stop condition
●
Programmable I²C Address detection
●
Transfer problem detection
●
End-of-byte transmission flag
●
Transmitter/Receiver flag
11.5.3
General description
In addition to receiving and transmitting data, this interface converts it from serial to parallel
format and vice versa, using either an interrupt or polled handshake. The interrupts are
enabled or disabled by software. The interface is connected to the I²C bus by a data pin
(SDAI) and by a clock pin (SCLI). It can be connected both with a standard I²C bus and a
Fast I²C bus. This selection is made by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com