Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BHX Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 147Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 148Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 149Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 150Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 151Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 152Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 153Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 154Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 186 page
background image
ST7263Bxx
Electrical characteristics
Doc ID 7516 Rev 8
151/186
Figure 63.
VOL standard VDD=5 V
Table 71.
Output driving current
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
Output low level voltage for a standard I/O pin
when up to 8 pins are sunk at the same time,
Port A0, Port A(3:7), Port C(0:2), Port D(0:7)
IIO=+1.6 mA
-
0.4
V
Output low level voltage for a high sink I/O pin
when up to 4 pins are sunk at the same time,
Port B(0:7)
IIO=+10 mA
-
1.3
Output low level voltage for a very high sink I/O
pin when up to 2 pins are sunk at the same
time, Port A1, Port A2
IIO=+25 mA
-
1.5
VOH
(2)
Output high level voltage for an I/O pin
when up to 8 pins are sourced at same time
IIO=-10 mA
VDD-1.3
(3)
-
IIO=-1.6 mA
VDD-0.8
-
1.
The IIO current sunk must always respect the absolute maximum rating specified in Section 13.2 and the sum of IIO (I/O
ports and control pins) must not exceed IVSS.
2.
The IIO current sourced must always respect the absolute maximum rating specified in Section 13.2 and the sum of IIO (I/O
ports and control pins) must not exceed IVDD. True open drain I/O pins does not have VOH.
3.
The minimum VOH value (with IIO=-10mA) depends on the chosen device type. For Flash devices, min = VDD - 1.3 V and
for ROM devices, min = VDD - 1.7 V
Vol_2mA (mV) at Vdd=5V
0
50
100
150
200
250
11.5
22.5
33.5
4
Iio (mA)
ai15597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com