Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103VCT7TR Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32F103VCT7TR
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT7TR Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32F103VCT7TR Datasheet HTML 115Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 116Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 117Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 118Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 119Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 120Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 121Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 122Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 123Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 123 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Revision history
Doc ID 14611 Rev 7
119/123
21-Jul-2008
3
Document status promoted from Preliminary Data to full datasheet.
FSMC (flexible static memory controller) on page 15 modified.
Number of complementary channels corrected in Figure 1:
STM32F103xC, STM32F103xD and STM32F103xE performance line
block diagram.
Power supply supervisor on page 17 modified and VDDA added to
Table 10: General operating conditions on page 42.
Table notes revised in Section 5: Electrical characteristics.
Capacitance modified in Figure 12: Power supply scheme on page 40.
Table 51: SCL frequency (fPCLK1= 36 MHz.,VDD = 3.3 V) updated.
Table 52: SPI characteristics modified, th(NSS) modified in Figure 45:
SPI timing diagram - slave mode and CPHA = 0 on page 91.
Minimum SDA and SCL fall time value for Fast mode removed from
Table 50: I2C characteristics on page 88, note 1 modified.
IDD_VBAT values and some IDD values with regulator in run mode added
to Table 17: Typical and maximum current consumptions in Stop and
Standby modes on page 48.
Table 30: Flash memory endurance and data retention on page 61
updated.
tsu(NSS) modified in Table 52: SPI characteristics on page 90.
EO corrected in Table 61: ADC accuracy on page 100. Figure 54:
Typical connection diagram using the ADC on page 101 and note below
corrected.
Typical TS_temp value removed from Table 63: TS characteristics on
page 105.
Section 6.1: Package mechanical data on page 106 updated.
Small text changes.
Table 72.
Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com