Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103ZCT7TR Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32F103ZCT7TR
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT7TR Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32F103ZCT7TR Datasheet HTML 115Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 116Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 117Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 118Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 119Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 120Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 121Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 122Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 123Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 120 / 123 page
background image
Revision history
STM32F103xC, STM32F103xD, STM32F103xE
120/123
Doc ID 14611 Rev 7
12-Dec-2008
4
Timers specified on page 1 (motor control capability mentioned).
Section 2.2: Full compatibility throughout the family updated.
Table 4: High-density timer feature comparison added.
General-purpose timers (TIMx) and Advanced-control timers (TIM1 and
TIM8) on page 19 updated.
Figure 1: STM32F103xC, STM32F103xD and STM32F103xE
performance line block diagram modified.
Note 10 added, main function after reset and Note 5 on page 35
updated in Table 5: High-density STM32F103xx pin definitions.
Note 2 modified below Table 7: Voltage characteristics on page 41,
|
V
DDx| min and |VDDx| min removed.
Note 2 and P
D values for LQFP144 and LFBGA144 packages added to
Table 10: General operating conditions on page 42.
Measurement conditions specified in Section 5.3.5: Supply current
characteristics on page 44.
Max values at TA = 85 °C and TA = 105 °C updated in Table 17: Typical
and maximum current consumptions in Stop and Standby modes on
page 48.
Section 5.3.10: FSMC characteristics on page 61 updated.
Data added to Table 42: EMI characteristics on page 81.
IVREF added to Table 58: ADC characteristics on page 98.
Table 70: Package thermal characteristics on page 114 updated.
Small text changes.
Table 72.
Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com