Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2420-E/P Datasheet(PDF) 328 Page - Microchip Technology

Part # PIC18F2420-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420-E/P Datasheet(HTML) 328 Page - Microchip Technology

Back Button PIC18F2420-E/P Datasheet HTML 324Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 325Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 326Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 327Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 328Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 329Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 330Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 331Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 332Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 412 page
background image
PIC18F2420/2520/4420/4520
DS39631E-page 326
© 2008 Microchip Technology Inc.
Supply Current (IDD)(2)
PIC18LF2X2X/4X20
13
25
μA-40°C
VDD = 2.0V
FOSC = 31 kHz
(RC_RUN mode,
INTRC source)
13
22
μA+25°C
14
25
μA+85°C
PIC18LF2X2X/4X20
42
61
μA-40°C
VDD = 3.0V
34
46
μA+25°C
28
45
μA+85°C
All devices 103
160
μA-40°C
VDD = 5.0V
82
130
μA+25°C
67
120
μA+85°C
Extended devices only
71
230
μA
+125°C
PIC18LF2X2X/4X20
320
440
μA-40°C
VDD = 2.0V
FOSC = 1 MHz
(RC_RUN mode,
INTOSC source)
330
440
μA+25°C
330
440
μA+85°C
PIC18LF2X2X/4X20
630
800
μA-40°C
VDD = 3.0V
590
720
μA+25°C
570
700
μA+85°C
All devices
1.2
1.6
mA
-40°C
VDD = 5.0V
1.0
1.5
mA
+25°C
1.0
1.5
mA
+85°C
Extended devices only
1.0
1.5
mA
+125°C
26.2
DC Characteristics:
Power-Down and Supply Current
PIC18F2420/2520/4420/4520 (Industrial)
PIC18LF2420/2520/4420/4520 (Industrial) (Continued)
PIC18LF2420/2520/4420/4520
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18F2420/2520/4420/4520
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note 1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured
with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that
add delta current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin
loading and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have
an impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD or VSS;
MCLR = VDD; WDT enabled/disabled as specified.
3:
When operation below -10°C is expected, use T1OSC High-Power mode, where LPT1OSC (CONFIG3H<2>) = 0.
When operation will always be above -10°C, then the low-power Timer1 oscillator may be selected.
4:
BOR and HLVD enable internal band gap reference. With both modules enabled, current consumption will be less
than the sum of both specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com