Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2420-E/P Datasheet(PDF) 382 Page - Microchip Technology

Part # PIC18F2420-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420-E/P Datasheet(HTML) 382 Page - Microchip Technology

Back Button PIC18F2420-E/P Datasheet HTML 378Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 379Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 380Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 381Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 382Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 383Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 384Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 385Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 386Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 412 page
background image
PIC18F2420/2520/4420/4520
DS39631E-page 380
© 2008 Microchip Technology Inc.
FIGURE 27-37:
INTOSC FREQUENCY vs. VDD, TEMPERATURE (-40°C, +25°C, +85°C, +125°C)
FIGURE 27-38:
INTRC vs. VDD ACROSS TEMPERATURE (-40°C TO +125°C)
7.6
7.7
7.8
7.9
8.0
8.1
8.2
8.3
8.4
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Max Freq
125°C Typ
85°C Typ
25°C Typ
-40°C Typ
Min Freq
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Max (125°C)
Max (-40°C)
Typ (25°C)
Min (85°C)
Min (125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com