Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/MLQTP Datasheet(PDF) 353 Page - Microchip Technology

Part # PIC18F44J10-I/MLQTP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/MLQTP Datasheet(HTML) 353 Page - Microchip Technology

Back Button PIC18F44J10-I/MLQTP Datasheet HTML 349Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 350Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 351Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 352Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 353Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 354Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 355Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 356Page - Microchip Technology PIC18F44J10-I/MLQTP Datasheet HTML 357Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 351
PIC18F45J10 FAMILY
B.1
Power Requirement Differences
The
most
significant
difference
between
the
PIC18F45J10 family and PIC18F4520 device families
is the power requirements. PIC18F45J10 family
devices are designed on a smaller process; this results
in lower maximum voltage and higher leakage current.
The operating voltage range for PIC18F45J10 family
devices is 2.0V to 3.6V. One of the VDD pins is separated
for the core logic supply (VDDCORE). This pin has specific
voltage and capacitor requirements as described in
Section 24.0 “Electrical Characteristics”
.
The current specifications for PIC18F45J10 family
devices are yet to be determined.
B.2
Pin Differences
There are several differences in the pinouts between
the PIC18F45J10 family and the PIC18F4520 families:
• Input voltage tolerance
• Output current capabilities
• Available I/O
Pins on the PIC18F45J10 family that have digital only
input capability will tolerate voltages up to 5.5V and are
thus tolerant to voltages above VDD. Table 10-1 in
Section 10.0 “I/O Ports”
contains the complete list.
In addition to input differences, there are output differ-
ences as well. Not all I/O pins can source or sink equal
levels of current. Only PORTB and PORTC support the
25 mA source/sink capability that is supported by all
output pins on the PIC18F4520. Table 10-2 in
Section 10.0 “I/O Ports”
contains the complete list of
output capabilities.
There are additional differences in how some pin func-
tions are implemented on PIC18F45J10 family
devices. First, the OSC1/OSC2 oscillator pins are
strictly dedicated to the external oscillator function;
there is no option to re-allocate these pins to I/O (RA6
or RA7) as on PIC18F4520 devices. Second, the
MCLR pin is dedicated only to MCLR and cannot be
configured as an input (RE3). Finally, RA4 does not
exist on PIC18F45J10 family devices.
All of these pin differences (including power pin
differences) should be accounted for when making a
conversion between PIC18F4520 and PIC18F45J10
family devices.
B.3
Oscillator Differences
PIC18F4520 family devices have a greater range of
oscillator options than PIC18F45J10 family devices.
The latter family is limited primarily to operating modes
that support HS and EC oscillators.
In addition, the PIC18F45J10 family has an internal RC
oscillator with only a fixed 32 kHz output. The higher
frequency RC modes of the PIC18F4520 family are not
available.
B.4
Peripherals
The PIC18F45J10 family is able to operate at 40 MHz
down to 2.15 volts unlike the PIC18F4520 family where
40 MHz operation is limited to 4.2 +V applications.
Peripherals must also be considered when making a
conversion between the PIC18F45J10 family and the
PIC18F4520 families:
• Data EEPROM: PIC18F45J10 family devices do
not have this module.
• BOR: PIC18F45J10 family devices do not have a
programmable BOR. Simple brown-out capability
is provided through the use of the internal voltage
regulator (not available in PIC18LFXXJ10
devices).
• LVD: PIC18F45J10 family devices do not have
this module.
• Timer3 (TMR3) has been removed from the
PIC18F45J10 family.
• The T0CKI/C1OUT pins have been moved from
RA4 to RB5.
• The 40/44-pin devices in the PIC18F45J10 family
have a second MSSP module available on pins
RD<3:0>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com