Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/SSQTP Datasheet(PDF) 306 Page - Microchip Technology

Part # PIC18F44J10-I/SSQTP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SSQTP Datasheet(HTML) 306 Page - Microchip Technology

Back Button PIC18F44J10-I/SSQTP Datasheet HTML 302Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 303Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 304Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 305Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 306Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 307Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 308Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 309Page - Microchip Technology PIC18F44J10-I/SSQTP Datasheet HTML 310Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 304
© 2009 Microchip Technology Inc.
FIGURE 24-1:
PIC18LF45J10 FAMILY VOLTAGE-FREQUENCY GRAPH (INDUSTRIAL)
FIGURE 24-2:
PIC18F45J10 FAMILY VOLTAGE-FREQUENCY GRAPH (INDUSTRIAL)
Frequency
3.00V
2.00V
40 MHz
2.75V
2.50V
2.25V
2.7V
4 MHz
2.35V
Note 1:
For devices without the voltage regulator, VDD and VDDCORE must be maintained so
that VDDCORE
≤ VDD ≤ 3.6V.
For VDDCORE values, 2V to 2.35V, FMAX = (102.85 MHz/V) * (VDDCORE – 2V) + 4 MHz
PIC18LF24J10/25J10/44J10/45J10
Frequency
4.0V
40 MHz
3.5V
3.0V
2.5V
3.6V
4 MHz
PIC18F2XJ10/4XJ10
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com