Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/SOSQTP Datasheet(PDF) 223 Page - Microchip Technology

Part # PIC18F44J10-I/SOSQTP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SOSQTP Datasheet(HTML) 223 Page - Microchip Technology

Back Button PIC18F44J10-I/SOSQTP Datasheet HTML 219Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 220Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 221Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 222Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 223Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 224Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 225Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 226Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 227Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 221
PIC18F45J10 FAMILY
18.2
Selecting and Configuring
Automatic Acquisition Time
The ADCON2 register allows the user to select an
acquisition time that occurs each time the GO/DONE
bit is set.
When the GO/DONE bit is set, sampling is stopped and
a conversion begins. The user is responsible for ensur-
ing the required acquisition time has passed between
selecting the desired input channel and setting the
GO/DONE bit. This occurs when the ACQT<2:0> bits
(ADCON2<5:3>) remain in their Reset state (‘000’) and
is compatible with devices that do not offer
programmable acquisition times.
If desired, the ACQT bits can be set to select a pro-
grammable acquisition time for the A/D module. When
the GO/DONE bit is set, the A/D module continues to
sample the input for the selected acquisition time, then
automatically begins a conversion. Since the acquisi-
tion time is programmed, there may be no need to wait
for an acquisition time between selecting a channel and
setting the GO/DONE bit.
In either case, when the conversion is completed, the
GO/DONE bit is cleared, the ADIF flag is set and the
A/D begins sampling the currently selected channel
again. If an acquisition time is programmed, there is
nothing to indicate if the acquisition time has ended or
if the conversion has begun.
18.3
Selecting the A/D Conversion
Clock
The A/D conversion time per bit is defined as TAD. The
A/D conversion requires 11 TAD per 10-bit conversion.
The source of the A/D conversion clock is software
selectable.
There are seven possible options for TAD:
•2 TOSC
•4 TOSC
•8 TOSC
•16 TOSC
•32 TOSC
•64 TOSC
• Internal RC Oscillator
For correct A/D conversions, the A/D conversion clock
(TAD) must be as short as possible but greater than the
minimum TAD (see parameter 130 in Table 24-25 for
more information).
Table 18-1 shows the resultant TAD times derived from
the device operating frequencies and the A/D clock
source selected.
TABLE 18-1:
TAD vs. DEVICE OPERATING
FREQUENCIES
18.4
Configuring Analog Port Pins
The ADCON1, TRISA, TRISF and TRISH registers
control the operation of the A/D port pins. The port pins
needed as analog inputs must have their correspond-
ing TRIS bits set (input). If the TRIS bit is cleared
(output), the digital output level (VOH or VOL) will be
converted.
The A/D operation is independent of the state of the
CHS<3:0> bits and the TRIS bits.
AD Clock Source (TAD)Maximum
Device
Frequency
Operation
ADCS<2:0>
2 TOSC
000
2.86 MHz
4 TOSC
100
5.71 MHz
8 TOSC
001
11.43 MHz
16 TOSC
101
22.86 MHz
32 TOSC
010
40.0 MHz
64 TOSC
110
40.0 MHz
RC(2)
x11
1.00 MHz(1)
Note 1:
The RC source has a typical TAD time of
4
μs.
2:
For device frequencies above 1 MHz, the
device must be in Sleep mode for the entire
conversion or the A/D accuracy may be out
of specification.
Note 1:
When reading the PORT register, all pins
configured as analog input channels will
read as cleared (a low level). Pins config-
ured as digital inputs will convert an
analog input. Analog levels on a digitally
configured input will
be
accurately
converted.
2:
Analog levels on any pin defined as a
digital input may cause the digital input
buffer to consume current out of the
device’s specification limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com