Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA1J3CSC Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1J3CSC Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1J3CSC Datasheet HTML 98Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 99Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 100Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 101Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 102Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 103Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 104Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 105Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 134 page
background image
Chapter 12 Development Support
SC9RS08KA2 Series Data Sheet, Rev. 1
102
Freescale Semiconductor
Figure 12-5. BDM Target-to-Host Serial Bit Timing (Logic 0)
12.3.3
SYNC and Serial Communication Timeout
The host initiates a host-to-target serial transmission by generating a falling edge on the BKGD pin. If
BKGD is kept low for more than 128 target clock cycles, the target understands that a SYNC command
was issued. In this case, the target will keep waiting for a rising edge on BKGD to answer the SYNC
request pulse. If the rising edge is not detected, the target will keep waiting indefinitely, without any
timeout limit. When a rising edge on BKGD occurs after a valid SYNC request, the BDC will drive the
BKGD pin low for exactly 128 BDC cycles.
Consider now the case where the host returns BKGD to logic 1 before 128 cycles. This is interpreted as a
valid bit transmission, and not as a SYNC request. The target will keep waiting for another falling edge
marking the start of a new bit. If, however, a new falling edge is not detected by the target within 512 clock
cycles since the last falling edge, a timeout occurs and the current command is discarded without affecting
memory or the operating mode of the MCU. This is referred as a soft-reset to the BDC.
If a read command is issued but the data is not retrieved within 512 serial clock cycles, a soft-reset will
occur causing the command to be disregarded. The data is not available for retrieving after the timeout has
occurred. A soft-reset is also used to end a READ_BLOCK or WRITE_BLOCK command.
The following describes the actual bit-time requirements for a host to guarantee logic 1 or 0 bit
transmission without the target timing out or interpreting the bit as a SYNC command:
•
To send a logic 0, BKGD must be kept low for a minimum of 12 BDC cycles and up to 511 BDC
cycles except for the first bit of a command sequence, which will be detected as a SYNC request.
•
To send a logic 1, BKGD must be held low for at least four BDC cycles, be released by the eighth
cycle, and be held high until at least the sixteenth BDC cycle.
10 CYCLES
BDC CLOCK
(TARGET MCU)
HOST DRIVE
TO BKGD PIN
TARGET MCU
DRIVE AND
PERCEIVED START
OF BIT TIME
HIGH IMPEDANCE
BKGD PIN
10 CYCLES
SPEEDUP PULSE
SPEEDUP
PULSE
EARLIEST START
OF NEXT BIT
HOST SAMPLES BKGD PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com