Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA1J3CSC Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1J3CSC Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1J3CSC Datasheet HTML 116Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 117Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 118Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 119Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 120Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 121Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 122Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 123Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 134 page
background image
Appendix A Electrical Characteristics
SC9RS08KA2 Series Data Sheet, Rev. 1
120
Freescale Semiconductor
Table A-9. FLASH Characteristics
Characteristic
Symbol
Min
Typical1
1 Typicals are measured at 25
°C.
Max
Unit
Supply voltage for program/erase
VDD
2.7
—
5.5
V
Program/Erase voltage
VPP
11.8
12
12.2
V
VPP current
Program
Mass erase
IVPP_prog
IVPP_erase
—
—
—
—
200
100
μA
μA
Supply voltage for read operation
0 < fBus < 10 MHz
VRead
1.8
—
5.5
V
Byte program time
tprog
20
—
40
μs
Mass erase time
tme
500
—
—
ms
Cumulative program HV time2
2 t
hv is the cumulative high voltage programming time to the same row before next erase. Same address can not
be programmed more than twice before next erase.
thv
——
8
ms
Total cumulative HV time
(total of tme & thv applied to device)
thv_total
—
—
2
hours
HVEN to program setup time
tpgs
10
—
—
μs
PGM/MASS to HVEN setup time
tnvs
5—
—
μs
HVEN hold time for PGM
tnvh
5—
—
μs
HVEN hold time for MASS
tnvh1
100
—
—
μs
VPP to PGM/MASS setup time
tvps
20
—
—
ns
HVEN to VPP hold time
tvph
20
—
—
ns
VPP rise time
3
3 Fast V
PP rise time may potentially trigger the ESD protection structure, which may result in over current flowing
into the pad and cause permanent damage to the pad. External filtering for the VPP power source is
recommended. An example VPP filter is shown in Figure A-3.
tvrs
200
—
—
ns
Recovery time
trcv
1—
—
μs
Program/erase endurance
TL to TH = –40°C to + 85°C
—
1000
—
—
cycles
Data retention
tD_ret
15
100
—
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com