| Electronic Components Datasheet Search |
|
MPC8533EVTALFB Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8533EVTALFB Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc |
|
110 / 116 page ![]() MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3 110 Freescale Semiconductor System Design Information 21.10 Guidelines for High-Speed Interface Termination 21.10.1 SerDes Interface Entirely Unused If the high-speed SerDes interface is not used at all, the unused pin should be terminated as described in this section. However, the SerDes must always have power applied to its supply pins. The following pins must be left unconnected (float): •SD_TX[0:7] •SD_TX[0:7] The following pins must be connected to GND: •SD_RX[0:7] •SD_RX[0:7] •SD_REF_CLK •SD_REF_CLK 21.10.2 SerDes Interface Partly Unused If only part of the high speed SerDes interface pins are used, the remaining high-speed serial I/O pins should be terminated as described in this section. The following pins must be left unconnected (float) if not used: •SD_TX[0:7] •SD_TX[0:7] The following pins must be connected to GND if not used: •SD_RX[0:7] •SD_RX[0:7] •SD_REF_CLK •SD_REF_CLK 21.11 Guideline for PCI Interface Termination PCI termination if not used at all is done as follows. Option 1 • If PCI arbiter is enabled during POR, • All AD pins will be driven to the stable states after POR. Therefore, all ADs pins can be floating. • All PCI control pins can be grouped together and tied to OVDD through a single 10-kΩ resistor. • It is optional to disable PCI block through DEVDISR register after POR reset. Option 2 • If PCI arbiter is disabled during POR, |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |