Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega128L Datasheet(PDF) 285 Page - ATMEL Corporation

Part # ATmega128L
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128L Datasheet(HTML) 285 Page - ATMEL Corporation

Back Button ATmega128L Datasheet HTML 281Page - ATMEL Corporation ATmega128L Datasheet HTML 282Page - ATMEL Corporation ATmega128L Datasheet HTML 283Page - ATMEL Corporation ATmega128L Datasheet HTML 284Page - ATMEL Corporation ATmega128L Datasheet HTML 285Page - ATMEL Corporation ATmega128L Datasheet HTML 286Page - ATMEL Corporation ATmega128L Datasheet HTML 287Page - ATMEL Corporation ATmega128L Datasheet HTML 288Page - ATMEL Corporation ATmega128L Datasheet HTML 289Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 386 page
background image
285
2467S–AVR–07/09
ATmega128
Notes:
1. The Z-register is only 16 bits wide. Bit 16 is located in the RAMPZ register in the I/O map.
2. Z0: should be zero for all SPM commands, byte select for the (E)LPM instruction.
3. See “Addressing the Flash During Self-Programming” on page 278 for details about the use of
Z-pointer during self-programming.
Table 114. Explanation of Different Variables Used in Figure 134 and the Mapping to the Z-
Pointer
(3)
Variable
Corresponding
Z-value
Description(2)
PCMSB
15
Most significant bit in the program counter. (The
program counter is 16 bits PC[15:0])
PAGEMSB
6
Most significant bit which is used to address the
words within one page (128 words in a page
requires 7 bits PC [6:0]).
ZPCMSB
Z16(1)
Bit in Z-register that is mapped to PCMSB.
Because Z0 is not used, the ZPCMSB equals
PCMSB + 1.
ZPAGEMSB
Z7
Bit in Z-register that is mapped to PAGEMSB.
Because Z0 is not used, the ZPAGEMSB
equals PAGEMSB + 1.
PCPAGE
PC[15:7]
Z16(1):Z8
Program counter page address: Page select, for
page erase and page write
PCWORD
PC[6:0]
Z7:Z1
Program counter word address: Word select, for
filling temporary buffer (must be zero during
page write operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com