Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny167-ESMZ Datasheet(PDF) 223 Page - ATMEL Corporation

Part # ATtiny167-ESMZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESMZ Datasheet(HTML) 223 Page - ATMEL Corporation

Back Button ATtiny167-ESMZ Datasheet HTML 219Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 220Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 221Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 222Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 223Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 224Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 225Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 226Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 227Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 282 page
background image
223
7728D–AVR–07/09
ATtiny87/ATtiny167
20.2.7
Simple Assembly Code Example for a Boot Loader
Note that the RWWSB bit will always be read as zero in ATtiny87/167. Nevertheless, it is
recommended to check this bit as shown in the code example, to ensure compatibility with
devices supporting Read-While-Write.
;- The routine writes one page of data from RAM to Flash
;
the first data location in RAM is pointed to by the Y-pointer
;
the first data location in Flash is pointed to by the Z-pointer
;- Error handling is not included
;- Registers used: r0, r1, temp1 (r16), temp2 (r17), looplo (r24),
;
loophi (r25), spmcsrval (r20)
; - Storing and restoring of registers is not included in the routine
;
register usage can be optimized at the expense of code size
.equ
PAGESIZEB = PAGESIZE*2
; AGESIZEB is page size in BYTES, not words
.org
SMALLBOOTSTART
Write_page:
; Page Erase
ldi
spmcsrval, (1<<PGERS) | (1<<SELFPGEN)
rcall
Do_spm
; Clear temporary page buffer
ldi
spmcsrval, (1<<CPTB) | (1<<SELFPGEN)
rcall
Do_spm
; Transfer data from RAM to Flash temporary page buffer
ldi
looplo, low(PAGESIZEB)
; init loop variable
ldi
loophi, high(PAGESIZEB)
; not required for PAGESIZEB<=256
Wrloop:
ld
r0, Y+
ld
r1, Y+
ldi
spmcsrval, (1<<SELFPGEN)
rcall
Do_spm
adiw
ZH:ZL, 2
sbiw
loophi:looplo, 2
; use subi for PAGESIZEB<=256
brne
Wrloop
; Execute Page Write
subi
ZL, low(PAGESIZEB)
; restore pointer
sbci
ZH, high(PAGESIZEB)
; not required for PAGESIZEB<=256
ldi
spmcsrval, (1<<PGWRT) | (1<<SELFPGEN)
rcall
Do_spm
; Clear temporary page buffer
ldi
spmcsrval, (1<<CPTB) | (1<<SELFPGEN)
rcall
Do_spm
; Read back and check, optional
ldi
looplo, low(PAGESIZEB)
; init loop variable
ldi
loophi, high(PAGESIZEB)
; not required for PAGESIZEB<=256
subi
YL, low(PAGESIZEB)
; restore pointer
sbci
YH, high(PAGESIZEB)
Rdloop:
lpm
r0, Z+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com