Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny167-ESXZ Datasheet(PDF) 204 Page - ATMEL Corporation

Part # ATtiny167-ESXZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESXZ Datasheet(HTML) 204 Page - ATMEL Corporation

Back Button ATtiny167-ESXZ Datasheet HTML 200Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 201Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 202Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 203Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 204Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 205Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 206Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 207Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 208Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 282 page
background image
204
7728D–AVR–07/09
ATtiny87/ATtiny167
The following code example allows to read Signature Row data:
.equ TS_GAIN = 0x0007
.equ TS_OFFSET = 0x0005
LDI R30,LOW(TS_GAIN)
LDI R31,HIGH (TS_GAIN)
RCALL Read_signature_row
MOV R17,R16 ; Save R16 result
LDI R30,LOW(TS_OFFSET)
LDI R31,HIGH (TS_OFFSET)
RCALL Read_signature_row
; R16 holds TS_OFFSET and R17 holds TS_GAIN
Read_signature_row:
IN R16,SPMCSR ; Wait for SPMEN ready
SBRC R16,SPMEN ; Exit loop here when SPMCSR is free
RJMP Read_signature_row
LDI R16,((1<<SIGRD)|(1<<SPMEN)) ; We need to set SIGRD and SPMEN
together
OUT SPMCSR,R16 ; and execute the LPM within 3 cycles
LPM R16,Z
RET
17.10 Internal Voltage Reference Output
The internal voltage reference is output on XREF pin as described in Table 17-3 if the ADC is
turned on (See “Voltage Reference Enable Signals and Start-up Time” on page 53.). Addition
of an external filter capacitor (5 - 10 nF) on XREF pin may be necessary. XREF current load
must be from 1 µA to 100 µA with VCC from 2.7V to 5.5V for XREF = 1.1V and with VCC from
4.5V to 5.5V for XREF = 2.56V.
XREF pin can be coupled to an analog input of the ADC (See ”Pin Configuration” on page 5.).
Notes:
1. See ”Bit 1 – XREFEN: Internal Voltage Reference Output Enable” on page 210.
2. See ”Bit 7:6 – REFS1:REFS0: Voltage Reference Selection Bits” on page 205.
3. In these configurations, the pin pull-up must be turned off and the pin digital output must be
set in Hi-Z.
4. Vcc in range 4.5 - 5.5V.
Table 17-3.
Internal Voltage Reference Output
XREFEN (1)
REFS1 (2)
REFS0 (2)
Voltage Reference Output (Iload ≤ 100 µA)
0x
x
Hi-Z, the pin can be used as AREF input or other alternate
functions.
1 (1)
0
1
XREF = 1.1V (3)
1 (1)
1
1
XREF = 2.56V (3)(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com