Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny167-ESXZ Datasheet(PDF) 211 Page - ATMEL Corporation

Part # ATtiny167-ESXZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESXZ Datasheet(HTML) 211 Page - ATMEL Corporation

Back Button ATtiny167-ESXZ Datasheet HTML 207Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 208Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 209Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 210Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 211Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 212Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 213Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 214Page - ATMEL Corporation ATtiny167-ESXZ Datasheet HTML 215Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 282 page
background image
211
7728D–AVR–07/09
ATtiny87/ATtiny167
18. AnaComp - Analog Comparator
The Analog Comparator compares the input values on the positive pin (AIN1) and negative pin
(AIN0). When the voltage on the positive pin is higher than the voltage on the negative pin, the
Analog Comparator output, ACO, is set. The comparator can trigger a separate interrupt,
exclusive to the Analog Comparator. The user can select Interrupt triggering on comparator
output rise, fall or toggle. A block diagram of the comparator and its surrounding logic is shown
in Figure 18-1.
Figure 18-1. Analog Comparator Block Diagram
(1)(2)
Notes:
1. See Table 18-2 on page 214 and Table 18-3 on page 214
2. Refer to Figure 1-2 on page 5 and Table 9-3 on page 76 for Analog Comparator pin
placement.
18.1
Register Description
18.1.1
ADC Control and Status Register B – ADCSRB
• Bit 6 – ACME: Analog Comparator Multiplexer Enable
When this bit is written logic one and the ADC is switched off (ADEN in ADCSRA is zero), the
ADC multiplexer selects the positive input to the Analog Comparator. When this bit is written
logic zero, AIN1 is applied to the positive input of the Analog Comparator.
When the Analog to Digital Converter (ADC) is configured as single ended input channel, it is
possible to select any of the ADC[10..0] pins to replace the positive input to the Analog Com-
parator. The ADC multiplexer (MUX[4..0]) is used to select this input, and consequently, the
ADC must be switched off to utilize this feature.
Analog Comparator
Interrupt
Interrupt
Sensivity
Control
ACO
ACI
ACIE
ACIS0
ACIS1
ACME
ACIRS
ADEN
16-bit Timer/Counter
Input Capture
AIN0
(PA6)
AIN1
(PA7)
REFS1
Internal
2.56 V
Reference
ACIR1
ACIR0
2.56 V
1.28 V
0.64 V
0.32 V
ACD
AVcc
(from ADC)
REFS0
(1)
ADC Multiplexer
Output
Bit
7
654321
0
BIN
ACME
ACIR1
ACIR0
—
ADTS2
ADTS1
ADTS0
ADCSRB
Read/Write
R
R/W
R/W
R/W
R
R/W
R/W
R/W
Initial Value
0
000000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com