Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny48-MMH Datasheet(PDF) 261 Page - ATMEL Corporation

Part # ATtiny48-MMH
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMH Datasheet(HTML) 261 Page - ATMEL Corporation

Back Button ATtiny48-MMH Datasheet HTML 257Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 258Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 259Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 260Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 261Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 262Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 263Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 264Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 265Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 266 page
background image
iii
8008C–AVR–03/09
ATtiny48/88
12.2
Overview ..........................................................................................................84
12.3
Accessing 16-bit Registers ..............................................................................86
12.4
Timer/Counter Clock Sources .........................................................................88
12.5
Counter Unit ....................................................................................................89
12.6
Input Capture Unit ...........................................................................................90
12.7
Output Compare Units .....................................................................................92
12.8
Compare Match Output Unit ............................................................................94
12.9
Modes of Operation .........................................................................................95
12.10
Timer/Counter Timing Diagrams ...................................................................102
12.11
Register Description ......................................................................................105
13
Timer/Counter0 and Timer/Counter1 Prescalers .............................. 112
13.1
Internal Clock Source ....................................................................................112
13.2
Prescaler Reset .............................................................................................112
13.3
External Clock Source ...................................................................................112
13.4
Register Description ......................................................................................113
14
Serial Peripheral Interface – SPI ......................................................... 115
14.1
Features ........................................................................................................115
14.2
Overview ........................................................................................................115
14.3
SS Pin Functionality ......................................................................................119
14.4
Data Modes ...................................................................................................120
14.5
Register Description ......................................................................................121
15
2-Wire Serial Interface ......................................................................... 124
15.1
Features ........................................................................................................124
15.2
2-wire Serial Interface Bus Definition ............................................................124
15.3
Data Transfer and Frame Format ..................................................................125
15.4
Multi-master Bus Systems, Arbitration and Synchronization .........................128
15.5
Overview of the TWI Module .........................................................................130
15.6
Using the TWI ................................................................................................132
15.7
Transmission Modes .....................................................................................135
15.8
Multi-master Systems and Arbitration ............................................................149
15.9
Register Description ......................................................................................151
16
Analog Comparator ............................................................................. 155
16.1
Analog Comparator Multiplexed Input ...........................................................155
16.2
Register Description ......................................................................................156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com