Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE5169ASTZF62 Datasheet(PDF) 143 Page - Analog Devices

Part # ADE5169ASTZF62
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169ASTZF62 Datasheet(HTML) 143 Page - Analog Devices

Back Button ADE5169ASTZF62 Datasheet HTML 139Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 140Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 141Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 142Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 143Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 144Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 145Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 146Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 147Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 143 of 156
SPI INTERRUPT AND STATUS FLAGS
The SPI interface has several status flags that indicate the status
of the double-buffered receive and transmit registers. Figure 112
shows when the status and interrupt flags are raised. The transmit
interrupt occurs when the transmit shift register is loaded with the
data in the SPI/I2C transmit buffer SFR (SPI2CTx, Address 0x9A).
If the SPI master is in transmit operating mode and the SPI2CTx
SFR has not been written with new data by the beginning of the
next byte transfer, the transmit operation stops.
When a new byte of data is received in the SPI/I2C receive buffer
SFR (SPI2CRx, Address 0x9B), the SPI receive interrupt flag,
SPIRxIRQ (SPISTAT, Address 0xEA[4]), is raised. If the data in
the SPI/I2C receive buffer SFR (SPI2CRx, Address 0x9B) is not
read before new data is ready to be loaded into the SPI2CRx
SFR, an overflow condition occurs. This overflow condition,
indicated by the SPIRxOF flag (SPISTAT[5]), forces the new data
to be discarded or overwritten, depending on the setting of the
RxOFW bit (SPIMOD1, Address 0xE8[2]).
SPITx
TRANSMIT SHIFT REGISTER
SPITxIRQ = 1
SPITx (EMPTY)
TRANSMIT SHIFT REGISTER
STOPS TRANSFER IF TIMODE = 1
SPIRx
RECEIVE SHIFT REGISTER
SPIRxIRQ = 1
SPIRx (FULL)
RECEIVE SHIFT REGISTER
SPIRxOF = 1
Figure 112. SPI Receive and Transmit Interrupt and Status Flags
SCLK
(SPICPOL = 0)
MISO
SCLK
(SPICPOL = 1)
MOSI
SPIRx AND
SPITx FLAGS
WITH INTMOD = 1
SPIRx AND
SPITx FLAGS
WITH INTMOD = 0
SS
SPIRx AND
SPITx FLAGS
WITH INTMOD = 0
SPICPHA = 1
MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB
?
MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB
?
MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB
?
MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB
?
MISO
MOSI
SPIRx AND
SPITx FLAGS
WITH INTMOD = 1
SPICPHA = 0
Figure 113. SPI Timing Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com