Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8536AVTAKG Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MPC8536AVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536AVTAKG Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MPC8536AVTAKG Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8536AVTAKG Datasheet HTML 128Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 124 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Part Numbering
Freescale Semiconductor
124
4.3
Part Numbering
Table 83 and Table 84 list all part numbers that are offered for MPC8536E.
5
Package Information
This section details package parameters, pin assignments, and dimensions.
5.1
Package Parameters for the MPC8536E FC-PBGA
The package parameters are as provided in the following list. The package type is 29 mm
× 29 mm, 783 flip chip plastic ball
grid array (FC-PBGA) without a lid.
Package outline
29 mm
× 29 mm
Interconnects
783
Pitch
1 mm
Minimum module height
2.23 mm
Maximum module height
2.8 mm
Solder Balls
96.5Sn/3.5Ag
Ball diameter (typical)
0.6 mm
Table 83. MPC8536 Part Numbers Commercial Tier
Core/Platform/DDR (MHz)
Standard Temp Without Security
Standard Temp With Security
Notes
600/400/400
MPC8536AVTAKG
MPC8536EAVTAKG
—
800/400/400
MPC8536AVTANG
MPC8536EAVTANG
—
1000/400/400
MPC8536AVTAQG
MPC8536EAVTAQG
—
1250/500/500
MPC8536AVTATH
MPC8536EAVTATH
—
1333/533/667
MPC8536AVTAUL
MPC8536EAVTAUL
—
1500/500/667
MPC8536AVTAVL
MPC8536EAVTAVL
—
Table 84. MPC8536 Part Numbers Industrial Tier
Core/Platform/
DDR (MHz)
Standard Temp
Without Security
Standard Temp
With Security
Extended Temp
Without Security
Extended Temp
With Security
Notes
600/400/400
MPC8536BVTAKG
MPC8536EBVTAKG
MPC8536CVTAKG
MPC8536ECVTAKG
—
800/400/400
MPC8536BVTANG
MPC8536EBVTANG
MPC8536CVTANG
MPC8536ECVTANG
1000/400/400
MPC8536BVTAQG
MPC8536EBVTAQG
MPC8536CVTAQG
MPC8536ECVTAQG
1250/500/500
MPC8536BVTATH
MPC8536EBVTATH
MPC8536CVTATH
MPC8536ECVTATH
1333/533/667
MPC8536BVTAUL
MPC8536EBVTAUL
MPC8536CVTAUL
MPC8536ECVTAUL
1500/500/667
MPC8536BVTAVL
MPC8536EBVTAVL
MPC8536CVTAVL
MPC8536ECVTAVL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com