Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S4993S Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # S4993S
Description  T1/CEPT/ISDN-PRI TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S4993S Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S4993S Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared :Qingli Wu
Approved: Xu Wenbing
Date :2001/01/31
Drawing no.: ISDN Transformer
REV.: A1
Page : 1/1
T1/CEPT/ISDN-PRI TRANSFORMER
P/N:S4993S DATA SHEET
A. Electrical Specifications@ 25°C :
1. DCR: 1.0 Ω TYP(@PIN 1-2 & PIN 3-4)
1.0 Ω TYP(@PIN 5-6 & PIN 7-8)
2. OCL:( @10KHz /0.1Vrms) : 30 mH Min@PIN 5-8(6-7 short)
3. Cw/w: 100 pF Max PIN 1-3 @10KHz/0.1Vrms
4. Turn Ratio (±5%): 1:1:1:1
5. Isolation Voltage: 1500 Vrms/0.5mA 2Sec(PRI SEC)
500 Vrms/0.5mA 2Sec (1-3, 5-7)
B. Schematics & Mechanical :


Similar Part No. - S4993S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S4993 BOTHHAND-S4993 Datasheet
245Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
S4993B BOTHHAND-S4993B Datasheet
41Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S4993C BOTHHAND-S4993C Datasheet
237Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results

Similar Description - S4993S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
List of Unclassifed Man...
LT-1625S ETC1-LT-1625S Datasheet
26Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bourns Electronic Solut...
SM74120 BOURNS-SM74120 Datasheet
180Kb / 1P
   T1/CEPT/ISDN-PRI Transformer
PT74263N BOURNS-PT74263N Datasheet
138Kb / 1P
   T1/CEPT/ISDN-PRI Transformer
logo
Bothhand USA, LP.
S5861M BOTHHAND-S5861M Datasheet
73Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S4995B BOTHHAND-S4995B Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S5835 BOTHHAND-S5835 Datasheet
21Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S8887 BOTHHAND-S8887 Datasheet
68Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S1308M BOTHHAND-S1308M Datasheet
75Kb / 1P
   T1/ CEPT/ISDN-PRI TRANSFORMER
S4545 BOTHHAND-S4545 Datasheet
267Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com