Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8218 Datasheet(PDF) 101 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 101 Page - ams AG

Back Button AS8218 Datasheet HTML 97Page - ams AG AS8218 Datasheet HTML 98Page - ams AG AS8218 Datasheet HTML 99Page - ams AG AS8218 Datasheet HTML 100Page - ams AG AS8218 Datasheet HTML 101Page - ams AG AS8218 Datasheet HTML 102Page - ams AG AS8218 Datasheet HTML 103Page - ams AG AS8218 Datasheet HTML 104Page - ams AG AS8218 Datasheet HTML 105Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 101 of 123
Transmission Protocol:
In order to make the data transfer easier for the system control a defined protocol is used for talking to the
UART1, where also the length of the data to be read from the XDATA address space is specified at the
beginning of the transmission. It looks like this:
Data
7
0
1
2
3
4
5
6
...
Read Command
(8 bits)
7
0
1
2
3
4
5
6
15
8
9
10
11
12
13
14
7
0
1
2
3
4
5
6
Start Address
(16 bits)
15
8
9
10
11
12
13
14
7
0
1
2
3
4
5
6
Block Length
(16 bits)
(TXD)
Note: When ‘enable_crc’ is set to 1 a 16-bit checksum word will be sent after the data stream. It can be used to
validate the received data.
Write to XDATA Address
For evaluation, but also for setting the RTC it will be required to write to a register located in the XDATA
address space (X_RAM and block interfaces). Also for this an SCT command is prepared. The following
diagram shows the main blocks involved and the data and signal flow:
UART1
SCT
RXD
SCT
registers
DSP
registers
RTC
registers
MPIO
registers
SPI
registers
X_RAM
LCDD
registers
Notes:
1) It is guaranteed that the MCU finishes its last (current) command before the XDATA access takes place.
2) In principle it is possible that a value, which has been modified using this write-command, immediately gets
overwritten by the MCU. Therefore this command has to be used in an intelligent way.
Transmission Protocol:
In order to make the data transfer easier for the system control a defined protocol is used for talking to the
UART1, where also the length of the data to be written to the XDATA address space is specified at the
beginning of the transmission. It looks like this:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com