Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8221 Datasheet(PDF) 9 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 9 Page - ams AG

  AS8221 Datasheet HTML 1Page - ams AG AS8221 Datasheet HTML 2Page - ams AG AS8221 Datasheet HTML 3Page - ams AG AS8221 Datasheet HTML 4Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 4 page
background image
www.austriamicrosystems.com/flexray/AS8221
Revision 1.1
9 - 43
AS8221
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
ΔVBUS_COM
Matching between Data0 and
Data1 common mode voltage
VBUS_COM_D0 - VBUS_COM_D1
40
≤ RL ≤ 55Ω
-200
0
200
mV
VBUS_DIFF_Idle
Absolute differential bus voltage
in bus idle mode
Load on BM/BM: 40
Ω || 100pF
0
30
mV
IBPBMShortMax
IBMBPShortMax
Absolute max current when BP is
shorted to BM
VBP=VBM
35
+100
mA
IBPGNDShortMax
Absolute max current when BP is
shorted to GND
VBP= 0V
48
+100
mA
IBMGNDShortMax
Absolute max current when BM is
shorted to GND
VBM= 0V
48
+100
mA
IBP-5VShortMax
Absolute max current when BP is
shorted to -5 V
VBP= -5V
48
+100
mA
IBM-5VShortMax
Absolute max current when BM is
shorted to -5 V
VBM= -5V
48
+100
mA
IBP27VShortMax
Absolute max current when BP is
shorted to 27 V
VBP= 27V
71
+100
mA
IBM27VShortMax
Absolute max current when BM is
shorted to 27 V
VBM= 27V
71
+100
mA
IBP48VShortMax
Absolute max current when BP is
shorted to 48 V
VBP= 48V
72
+100
mA
IBM48VShortMax
Absolute max current when BM is
shorted to 48 V
VBM= 48V
72
+100
mA
tTxD_BUS01
Delay time from TxD to BUS
positive edge
tTxD_RISE = 5ns
22
50
ns
tTxD_BUS10
Delay time from TxD to BUS
negative edge
tTxD_FALL = 5ns
22
50
ns
tTxD_MISMATCH
Delay time from TxD to BUS
mismatch
tTxD_BUS10 - tTxD_BUS01
-4
0
4
ns
tBUS10
Fall time differential bus voltage
80% - 20% of VBUS
3.75
12
18.75
ns
tBUS01
Rise time differential bus voltage
20% - 80% of VBUS
3.75
12
18.75
ns
tTxEN_BUS_Idle_Active
Delay time from TxEN to bus
active
14
50
ns
tTxEN_BUS_Active_Idle
Delay time from TxEN to bus idle
10
50
ns
tTxEN_MISMATCH
Delay time from TxEN to bus
mismatch
|tTxEN_BUS_Idle_Active -
tTxEN_BUS_Active_Idle|
450
ns
tBGE_BUS_Idle_Active
Delay time from BGE to bus
active
15
50
ns
tBGE_BUS_Active_Idle
Delay time from BGE to bus idle
11
50
ns
tBUS_Idle_Active
Differential bus voltage transition
time: idle to active
530
ns
tBUS_Active_Idle
Differential bus voltage transition
time: active to idle
230
ns
tTxEN_timeout
TxEN timeout
1.5
4.9
15
ms
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com