Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F615-H/MS Datasheet(PDF) 211 Page - Microchip Technology

Part # PIC12F615-H/MS
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-H/MS Datasheet(HTML) 211 Page - Microchip Technology

Back Button PIC12F615-H/MS Datasheet HTML 204Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 205Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 206Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 207Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 208Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 209Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 210Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 211Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 212Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 211 / 212 page
background image
 2010 Microchip Technology Inc.
DS41302D-page 211
PIC12F609/615/617/12HV609/615
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC12F609, PIC12F609T(1), PIC12HV609, PIC12HV609T(1),
PIC12F615, PIC12F615T(1), PIC12HV615, PIC12HV615T(1),
PIC12F617, PIC12F617T(1)
Temperature
Range:
H= -40
C to +150C
(High Temp)(3)
I= -40
C to +85C
(Industrial)
E= -40
C to +125C
(Extended)
Package:
P
=
Plastic DIP (PDIP)
SN
=
8-lead Small Outline (150 mil) (SOIC)
MS
=
Micro Small Outline (MSOP)
MF
=
8-lead Plastic Dual Flat, No Lead (3x3) (DFN)
MD
=
8-lead Plastic Dual Flat, No Lead
(4x4)(DFN)(1,2)
Pattern:
QTP, SQTP or ROM Code; Special Requirements
(blank otherwise)
Examples:
a)
PIC12F615-E/P 301 = Extended Temp., PDIP
package, 20 MHz, QTP pattern #301
b)
PIC12F615-I/SN = Industrial Temp., SOIC
package, 20 MHz
c)
PIC12F615T-E/MF = Tape and Reel, Extended
Temp., 3x3 DFN, 20 MHz
d)
PIC12F609T-E/MF = Tape and Reel, Extended
Temp., 3x3 DFN, 20 MHz
e)
PIC12HV615T-E/MF = Tape and Reel,
Extended Temp., 3x3 DFN, 20 MHz
f)
PIC12HV609T-E/MF = Tape and Reel,
Extended Temp., 3x3 DFN, 20 MHz
g)
PIC12F617T-E/MF = Tape and Reel, Extended
Temp., 3x3 DFN, 20 MHz
h)
PIC12F617-I/P = Industrial Temp., PDIP pack-
age, 20 MHz
i)
PIC12F615-H/SN = High Temp., SOIC pack-
age, 20 MHz
Note 1:
T
= in tape and reel for MSOP, SOIC and
DFN packages only.
2:
Not available for PIC12F617.
3:
High Temp. available for PIC12F615 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com