Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320C6722BRFP300 Datasheet(PDF) 102 Page - Texas Instruments

Part # TMP320C6722BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6722BRFP300 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TMP320C6722BRFP300 Datasheet HTML 98Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 99Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 100Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 101Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 102Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 103Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 104Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 105Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 118 page
background image
4.17 External Clock Input From Oscillator or CLKIN Pin
OSCVDD
C5
C7
C8
X1
RS
RB
OSCIN
OSCOUT
C6
OSCVSS
CLKIN
Clock
Input
From
OSCIN
to
PLL
On-Chip Oscillator
(a)
External 3.3-V LVCMOS-Compatible Clock Source
(b)
OSCVDD
OSCIN
OSCOUT
OSCVSS
CLKIN
Clock
Input
From
CLKIN
to
PLL
CVDD
NC
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
The C672x device includes two choices to provide an external clock input, which is fed to the on-chip PLL
to generate high-frequency system clocks. These options are illustrated in Figure 4-42.
• Figure 4-42 (a) illustrates the option that uses an on-chip oscillator with external crystal circuit.
• Figure 4-42 (b) illustrates the option that uses an external 3.3-V LVCMOS-compatible clock input with
the CLKIN pin.
Note that the two clock inputs are logically combined internally before the PLL so the clock input that is not
used must be tied to ground.
Figure 4-42. C672x Clock Input Options
If the on-chip oscillator is chosen, then the recommended component values for Figure 4-42 (a) are listed
in Table 4-40.
Table 4-40. Recommended On-Chip Oscillator Components
FREQUENCY
XTAL TYPE
X1
C5
(1)
C6
(1)
C7
C8
RB
RS
22.579
AT-49
KDS 1AF225796A
470 pF
470 pF
8 pF
8 pF
1 M
Ω
0
Ω
22.579
SMD-49
KDS 1AS225796AG
470 pF
470 pF
8 pF
8 pF
1 M
Ω
0
Ω
24.576
AT-49
KDS 1AF245766AAA
470 pF
470 pF
8 pF
8 pF
1 M
Ω
0
Ω
24.576
SMD-49
KDS 1AS245766AHA
470 pF
470 pF
8 pF
8 pF
1 M
Ω
0
Ω
(1)
Capacitors C5 and C6 are used to reduce oscillator jitter, but are optional. If C5 and C6 are not used, then the node connecting
capacitors C7 and C8 should be tied to OSCVSS and OSCVDD should be tied to CVDD.
Peripheral and Electrical Specifications
102
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com