Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320C6722BRFP300 Datasheet(PDF) 110 Page - Texas Instruments

Part # TMP320C6722BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6722BRFP300 Datasheet(HTML) 110 Page - Texas Instruments

Back Button TMP320C6722BRFP300 Datasheet HTML 106Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 107Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 108Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 109Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 110Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 111Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 112Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 113Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 118 page
background image
7.2 Supplementary Information About the 144-Pin RFP PowerPAD™ Package
7.2.1
Standoff Height
Standoff Height
7.3 Packaging Information
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
This section highlights a few important details about the 144-pin RFP PowerPAD™ package. Texas
Instruments' PowerPAD Thermally Enhanced Package Technical Brief (literature number SLMA002)
should be consulted before designing a PCB for this device.
As illustrated in Figure 7-1, the standoff height specification for this device (between 0.050 mm and
0.150 mm) is measured from the seating plane established by the three lowest package pins to the lowest
point on the package body. Due to warpage, the lowest point on the package body is located in the center
of the package at the exposed thermal pad.
Using this definition of standoff height provides the correct result for determining the correct solder paste
thickness. According to TI's PowerPAD Thermally Enhanced Package Technical Brief (literature number
SLMA002), the recommended range of solder paste thickness for this package is between 0.152 mm and
0.178 mm.
Figure 7-1. Standoff Height Measurement on 144-Pin RFP Package
The following packaging information reflects the most current released data available for the designated
device(s). This data is subject to change without notice and without revision of this document.
On the 144-pin RFP package, the actual size of the Thermal Pad is 5.4 mm
× 5.4 mm.
110
Mechanical Data
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com