Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT66F20 Datasheet(PDF) 153 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 153 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 149Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 150Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 151Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 152Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 153Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 154Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 155Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 156Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 157Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
153
June 4, 2010
The SIMD register is used to store the data being transmitted and received. The same register is used by both the SPI
and I
2C functions. Before the device writes data to the SPI bus, the actual data to be transmitted must be placed in the
SIMD register. After the data is received from the SPI bus, the device can read it from the SIMD register. Any transmis-
sion or reception of data from the SPI bus must be made via the SIMD register.
· SIMD Register
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
xxxxxxxx
²x² unknown
· SIMA Register
Bit
76543210
Name
IICA6
IICA5
IICA4
IICA3
IICA2
IICA1
IICA0
¾
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
¾
POR
xxxxxxx
¾
²x² unknown
Bit 7~1
IICA6~ IICA0:I
2C slave address
IICA6~ IICA0 is the I
2C slave address bit 6~ bit 0.
The SIMA register is also used by the SPI interface but has the name SIMC2. The SIMA
register is the location where the 7-bit slave address of the slave device is stored. Bits 7~ 1 of the
SIMA register define the device slave address. Bit 0 is not defined.
When a master device, which is connected to the I
2C bus, sends out an address, which
matches the slave address in the SIMA register, the slave device will be selected. Note that the
SIMA register is the same register address as SIMC2 which is used by the SPI interface.
Bit 0
Undefined bit
This bit can be read or written by user software program.
I 2 C D a t a R e g i s t e r
( S I M D )
S l a v e A d d r e s s R e g i s t e r
( S I M A )
S h i f t R e g i s t e r
D i r e c t i o n C o n t r o l
M
U
X
A d d r e s s M a t c h
H A A S B i t
I 2 C I n t e r r u p t
D a t a i n L S B
D a t a O u t M S B
T r a n s m i t / R e c e i v e
C o n t r o l U n i t
8 - b i t D a t a C o m p l e t e
D e t e c t S t a r t o r S t o p
D a t a B u s
A d d r e s s
C o m p a r a t o r
E n a b l e / D i s a b l e A c k n o w l e d g e
R e a d / w r i t e S l a v e
S R W B i t
H B B B i t
H T X B i t
S C L P i n
S D A P i n
H C F B i t
I
2C Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com