Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT66F20 Datasheet(PDF) 191 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 191 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 187Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 188Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 189Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 190Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 191Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 192Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 193Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 194Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 195Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
191
June 4, 2010
SDO
SDI
SCK
SCS
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Writing Type Format: 8-bit Command Input + 8-bit Data Input
SDO
SDI
SCK
SCS
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
tw
Reading Type Format: 8-bit Command Input + 8-bit Data Output
For read operations, the device will begin to execute the
command only after it receives an 8-bit read command
after which it will be ready to output data. If necessary,
the master can de-assert the SCS pin to abort the trans-
action at any time which will cause any data transac-
tions to be abandoned.
UART Module External Pin Interfacing
To communicate with an external serial interface, the in-
ternal UART has two external pins known as TX and RX.
The TX pin is the UART transmitter serial data output pin
if the corresponding control bits named UARTEN in
UCR1 register and TXEN in UCR2 register are set to 1.
If the control bit UARTEN or TXEN is equal to zero, the
TX pin is in the state of high impedance. Similarly, the
RX pin is the UART receiver serial data input pin if the
corresponding control bits named UARTEN and RXEN
in UCR1 and UCR2 registers are set to 1. If the control
bit UARTEN or RXEN is equal to zero, the RX pin is in
the state of high impedance.
UART Data Transfer Scheme
The following block diagram shows the overall data
transfer structure arrangement for the UART. The actual
data to be transmitted from the MCU is first transferred
to the TXR register by the application program. The data
will then be transferred to the Transmitter Shift Register
named TSR from where it will be shifted out, LSB first,
onto the TX pin at a rate controlled by the Baud Rate
Generator. Only the TXR register is accessible to the
application program, the Transmitter Shift Register is
not mapped into the Data Memory area and is inacces-
sible to the application program.
Data to be received by the UART is accepted on the ex-
ternal RX pin, from where it is shifted in, LSB first, to the
Receiver Shift Register named RSR at a rate controlled
by the Baud Rate Generator. When the shift register is
full, the data will then be transferred from the shift regis-
ter to the internal RXR register, where it is buffered and
can be manipulated by the application program. Only
the RXR register is accessible to the application pro-
gram, the Receiver Shift Register is not mapped into the
Data Memory area and is inaccessible to the application
program. It should be noted that the actual register for
data transmission and reception, although referred to in
the text, and in application programs, as separate TXR
and RXR registers, only exists as a single shared regis-
ter physically. This shared register known as the
TXR/RXR register is used for both data transmission
and data reception.
MSB
LSB
Transmitter Shift Register (TSR)
MSB
LSB
Receiver Shift Register (RSR)
TX Pin
RX Pin
Baud Rate
Generator
TX Register (TXR)
RX Register (RXR)
Buffer 1
Buffer 2
Buffer 3
Data to be transmitted
Data received
UART Data Transfer Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com