Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT66F20 Datasheet(PDF) 202 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 202 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 198Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 199Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 200Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 201Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 202Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 203Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 204Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 205Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 206Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
202
June 4, 2010
Managing Receiver Errors
Several types of reception errors can occur within the
UART module, the following section describes the vari-
ous types and how they are managed by the UART.
· Overrun Error - OERR flag
The RXR register is composed of a four byte deep
FIFO data buffer, where four bytes can be held in the
FIFO register, while a 5th byte can continue to be re-
ceived. Before the 5th byte has been entirely shifted
in, the data should be read from the RXR register. If
this is not done, the overrun error flag OERR will be
consequently indicated.
In the event of an overrun error occurring, the follow-
ing will happen:
¨ The OERR flag in the USR register will be set.
¨ The RXR contents will not be lost.
¨ The shift register will be overwritten.
¨ An interrupt will be generated if the RIE bit is set.
The OERR flag can be cleared by an access to the
USR register followed by a read to the RXR register.
· Noise Error - NF flag
Over-sampling is used for data recovery to identify
valid incoming data and noise. If noise is detected
within a frame, the following will occur:
¨ The read only noise flag, NF, in the USR register
will be set on the rising edge of the RXIF bit.
¨ Data will be transferred from the shift register to the
RXR register.
¨ No interrupt will be generated. However this bit
rises at the same time as the RXIF bit which itself
generates an interrupt.
Note that the NF flag is reset by a USR register read
operation followed by an RXR register read operation.
· Framing Error - FERR flag
The read only framing error flag, FERR, in the USR
register, is set if a zero is detected instead of stop bits.
If two stop bits are selected, both stop bits must be
high. Otherwise the FERR flag will be set. The FERR
flag is buffered along with the received data and is
cleared in any reset.
· Parity Error - PERR flag
The read only parity error flag, PERR, in the USR reg-
ister, is set if the parity of the received word is incor-
rect. This error flag is only applicable if the parity
function is enabled, PREN=1, and if the parity type,
odd or even, is selected. The read only PERR flag is
buffered along with the received data bytes. It is
cleared on any reset, it should be noted that the FERR
and PERR flags are buffered along with the corre-
sponding word and should be read before reading the
data word.
UART Module Interrupt Structure
Several individual UART conditions can generate a
UART interrupt. When these conditions exist, a low
pulse will be generated on the INT line to get the atten-
tion of the microcontroller. These conditions are a trans-
mitter data register empty, transmitter idle, receiver data
available, receiver overrun, address detect and an RX
pin wake-up. When any of these conditions are created,
if its corresponding interrupt control is enabled and the
stack is not full, the program will jump to its correspond-
ing interrupt vector where it can be serviced before re-
turning to the main program. Four of these conditions
have the corresponding USR register flags which will
generate a UART interrupt if its associated interrupt en-
able control bit in the UCR2 register is set. The two
transmitter interrupt conditions have their own corre-
sponding enable control bits, while the two receiver in-
terrupt conditions have a shared enable control bit.
These enable bits can be used to mask out individual
UART interrupt sources.
The address detect condition, which is also a UART in-
terrupt source, does not have an associated flag, but will
generate a UART interrupt when an address detect con-
dition occurs if its function is enabled by setting the
ADDEN bit in the UCR2 register. An RX pin wake-up,
which is also a UART interrupt source, does not have an
associated flag, but will generate a UART interrupt if the
microcontroller is woken up by a falling edge on the RX
pin, if the WAKE and RIE bits in the UCR2 register are
set. Note that in the event of an RX wake-up interrupt
occurring, there will be a certain period of delay, com-
monly known as the System Start-up Time, for the oscil-
lator to restart and stabilize before the system resumes
normal operation.
Note that the USR register flags are read only and can-
not be cleared or set by the application program, neither
will they be cleared when the program jumps to the cor-
responding interrupt servicing routine, as is the case for
some of the other interrupts. The flags will be cleared
automatically when certain actions are taken by the
UART, the details of which are given in the UART regis-
ter section. The overall UART interrupt can be disabled
or enabled by the related interrupt enable control bits in
the interrupt control registers of the microcontroller to
decide whether the interrupt requested by the UART
module is masked out or allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com