Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F1822-E/P Datasheet(PDF) 239 Page - Microchip Technology

Part # PIC12F1822-E/P
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/P Datasheet(HTML) 239 Page - Microchip Technology

Back Button PIC12F1822-E/P Datasheet HTML 235Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 236Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 237Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 238Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 239Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 240Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 241Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 242Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 239
PIC12F/LF1822/16F/LF1823
TABLE 24-2:
I2C BUS TERMS
24.4.5
START CONDITION
The I2C specification defines a Start condition as a
transition of SDA from a high to a low state while SCL
line is high. A Start condition is always generated by
the master and signifies the transition of the bus from
an Idle to an Active state. Figure 24-10 shows wave
forms for Start and Stop conditions.
A bus collision can occur on a Start condition if the
module samples the SDA line low before asserting it
low. This does not conform to the I2C Specification that
states no bus collision can occur on a Start.
24.4.6
STOP CONDITION
A Stop condition is a transition of the SDA line from
low-to-high state while the SCL line is high.
24.4.7
RESTART CONDITION
A Restart is valid any time that a Stop would be valid.
A master can issue a Restart if it wishes to hold the
bus after terminating the current transfer. A Restart
has the same effect on the slave that a Start would,
resetting all slave logic and preparing it to clock in an
address. The master may want to address the same or
another slave.
In 10-bit Addressing Slave mode a Restart is required
for the master to clock data out of the addressed
slave. Once a slave has been fully addressed, match-
ing both high and low address bytes, the master can
issue a Restart and the high address byte with the
R/W bit set. The slave logic will then hold the clock
and prepare to clock out data.
After a full match with R/W clear in 10-bit mode, a prior
match flag is set and maintained. Until a Stop condi-
tion, a high address with R/W clear, or high address
match fails.
24.4.8
START/STOP CONDITION INTERRUPT
MASKING
The SCIE and PCIE bits of the SSP1CON3 register
can enable the generation of an interrupt in Slave
modes that do not typically support this function. Slave
modes where interrupt on Start and Stop detect are
already enabled, these bits will have no effect.
TERM
Description
Transmitter
The device which shifts data out
onto the bus.
Receiver
The device which shifts data in
from the bus.
Master
The device that initiates a transfer,
generates clock signals and termi-
nates a transfer.
Slave
The device addressed by the mas-
ter.
Multi-master
A bus with more than one device
that can initiate data transfers.
Arbitration
Procedure to ensure that only one
master at a time controls the bus.
Winning arbitration ensures that
the message is not corrupted.
Synchronization Procedure to synchronize the
clocks of two or more devices on
the bus.
Idle
No master is controlling the bus,
and both SDA and SCL lines are
high.
Active
Any time one or more master
devices are controlling the bus.
Addressed
Slave
Slave device that has received a
matching address and is actively
being clocked by a master.
Matching
Address
Address byte that is clocked into a
slave that matches the value
stored in SSP1ADD.
Write Request
Slave receives a matching
address with R/W bit clear, and is
ready to clock in data.
Read Request
Master sends an address byte with
the R/W bit set, indicating that it
wishes to clock data out of the
Slave. This data is the next and all
following bytes until a Restart or
Stop.
Clock Stretching When a device on the bus hold
SCL low to stall communication.
Bus Collision
Any time the SDA line is sampled
low by the module while it is out-
putting and expected high state.
Note: At least one SCL low time must appear
before a Stop is valid, therefore, if the SDA
line goes low then high again while the SCL
line stays high, only the Start condition is
detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com