Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F1822-E/P Datasheet(PDF) 361 Page - Microchip Technology

Part # PIC12F1822-E/P
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/P Datasheet(HTML) 361 Page - Microchip Technology

Back Button PIC12F1822-E/P Datasheet HTML 357Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 358Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 359Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 360Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 361Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 362Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 363Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 364Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 365Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 361
PIC12F/LF1822/16F/LF1823
TABLE 29-15: SPI MODE REQUIREMENTS
FIGURE 29-20:
I2C™ BUS START/STOP BITS TIMING
Param
No.
Symbol
Characteristic
Min.
Typ† Max. Units Conditions
SP70* TSSL2SCH,
TSSL2SCL
SSx
 to SCKx or SCKx input
TCY
——
ns
SP71* TSCH
SCKx input high time (Slave mode)
TCY + 20
—
—
ns
SP72* TSCL
SCKx input low time (Slave mode)
TCY + 20
—
—
ns
SP73* TDIV2SCH,
TDIV2SCL
Setup time of SDIx data input to SCKx edge
100
—
—
ns
SP74* TSCH2DIL,
TSCL2DIL
Hold time of SDIx data input to SCKx edge
100
—
—
ns
SP75* TDOR
SDO data output rise time
3.0-5.5V
—
10
25
ns
1.8-5.5V
—
25
50
ns
SP76* TDOF
SDOx data output fall time
—
10
25
ns
SP77* TSSH2DOZ SSx
 to SDOx output high-impedance
10
—
50
ns
SP78* TSCR
SCKx output rise time
(Master mode)
3.0-5.5V
—
10
25
ns
1.8-5.5V
—
25
50
ns
SP79* TSCF
SCKx output fall time (Master mode)
—
10
25
ns
SP80* TSCH2DOV,
TSCL2DOV
SDOx data output valid after
SCKx edge
3.0-5.5V
—
—
50
ns
1.8-5.5V
—
—
145
ns
SP81* TDOV2SCH,
TDOV2SCL
SDOx data output setup to SCKx edge
Tcy
—
—
ns
SP82* TSSL2DOV
SDOx data output valid after SS
 edge
—
—
50
ns
SP83* TSCH2SSH,
TSCL2SSH
SSx
after SCKx edge
1.5TCY + 40
—
—
ns
* These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note: Refer to Figure 29-5 for load conditions.
SP91
SP92
SP93
SCLx
SDAx
Start
Condition
Stop
Condition
SP90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com