Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F1822-E/P Datasheet(PDF) 397 Page - Microchip Technology

Part # PIC12F1822-E/P
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/P Datasheet(HTML) 397 Page - Microchip Technology

Back Button PIC12F1822-E/P Datasheet HTML 390Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 391Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 392Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 393Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 394Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 395Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 396Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 397Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 398Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 397 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 397
PIC12F/LF1822/16F/LF1823
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC12F1822(1), PIC16F1823(1), PIC12F1822T(2),
PIC16F1823T(2);
VDD range 1.8V to 5.5V
PIC12LF1822(1), PIC16LF1823(1), PIC12LF1822T(2),
PIC16LF1823T(2);
VDD range 1.8V to 3.6V
Temperature
Range:
I= -40
C to +85C
(Industrial)
E= -40
C to +125C
(Extended)
Package:
MF
=
Micro Lead Frame (DFN) 3x3
ML
=
Micro Lead Frame (QFN) 6x6
P
=
Plastic DIP
SL
=
SOIC, 14 lead
SN
=
SOIC, 8 lead
SS
=
SSOP
ST
=
TSSOP
Pattern:
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC12F1822 - I/ML 301 = Industrial temp., QFN
package, Extended VDD limits, QTP pattern
#301.
b)
PIC16F1823 - I/P = Industrial temp., PDIP
package, Extended VDD limits.
c)
PIC16F1823 - E/SS= Extended temp., SSOP
package, normal VDD limits.
Note 1:
F
= Wide Voltage Range
LF = Standard Voltage Range
2:
T
= in tape and reel SOIC, SSOP,
TSSOP, and QFN packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com