Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F1822-E/P Datasheet(PDF) 189 Page - Microchip Technology

Part # PIC12F1822-E/P
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/P Datasheet(HTML) 189 Page - Microchip Technology

Back Button PIC12F1822-E/P Datasheet HTML 185Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 186Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 187Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 188Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 189Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 190Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 191Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 192Page - Microchip Technology PIC12F1822-E/P Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 189
PIC12F/LF1822/16F/LF1823
22.0 DATA SIGNAL MODULATOR
The Data Signal Modulator (DSM) is a peripheral which
allows the user to mix a data stream, also known as a
modulator signal, with a carrier signal to produce a
modulated output.
Both the carrier and the modulator signals are supplied
to the DSM module either internally, from the output of
a peripheral, or externally through an input pin.
The modulated output signal is generated by perform-
ing a logical “AND” operation of both the carrier and
modulator signals and then provided to the MDOUT pin.
The carrier signal is comprised of two distinct and sep-
arate signals. A carrier high (CARH) signal and a car-
rier low (CARL) signal. During the time in which the
modulator (MOD) signal is in a logic high state, the
DSM mixes the carrier high signal with the modulator
signal. When the modulator signal is in a logic low
state, the DSM mixes the carrier low signal with the
modulator signal.
Using this method, the DSM can generate the following
types of Key Modulation schemes:
• Frequency-Shift Keying (FSK)
• Phase-Shift Keying (PSK)
• On-Off Keying (OOK)
Additionally, the following features are provided within
the DSM module:
• Carrier Synchronization
• Carrier Source Polarity Select
• Carrier Source Pin Disable
• Programmable Modulator Data
• Modulator Source Pin Disable
• Modulated Output Polarity Select
• Slew Rate Control
Figure 22-1 shows a Simplified Block Diagram of the
Data Signal Modulator peripheral.
FIGURE 22-1:
SIMPLIFIED BLOCK DIAGRAM OF THE DATA SIGNAL MODULATOR
D
Q
MDBIT
MDMIN
CCP1
Comparator C1
Comparator C2(1)
Reserved
0000
0001
0010
0011
0101
0110
0111
1000
0011
1001
1010
No Channel
Selected
VSS
MDCIN1
MDCIN2
CLKR
CCP1
Reserved
0000
0001
0010
0011
0100
0101
0110
1111
*
*
No Channel
Selected
VSS
MDCIN1
MDCIN2
CLKR
CCP1
Reserved
0000
0001
0010
0011
0100
0101
0110
0111
1000
1111
*
*
No Channel
Selected
MDCH<3:0>
MDMS<3:0>
MDCL<3:0>
1111
*
*
MSSP1 SDO1
Reserved
EUSART
SYNC
MDCHPOL
MDCLPOL
D
Q
1
0
SYNC
1
0
MDCHSYNC
MDCLSYNC
MDOUT
MDOPOL
CARH
CARL
EN
MDEN
Data Signal
Modulator
MOD
MDOE
*
*
Reserved
No Channel
Selected
*
Note
1:
PIC16F/LF1823 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com