Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F1822-E/SS Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC12F1822-E/SS
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/SS Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC12F1822-E/SS Datasheet HTML 120Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 121Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 122Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 123Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 124Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 125Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 126Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 127Page - Microchip Technology PIC12F1822-E/SS Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 124
Preliminary
 2010 Microchip Technology Inc.
12.3
PORTC Registers
(PIC16F/LF1823 only)
PORTC is a 6-bit wide, bidirectional port. The
corresponding data direction register is TRISC
(Register 12-8). Setting a TRISC bit (= 1) will make the
corresponding PORTC pin an input (i.e., put the
corresponding output driver in a High-Impedance mode).
Clearing a TRISC bit (= 0) will make the corresponding
PORTC pin an output (i.e., enable the output driver and
put the contents of the output latch on the selected pin).
Example 12-2 shows how to initialize PORTC.
Reading the PORTC register (Register 12-7) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then written
to the PORT data latch (LATC).
The TRISC register (Register 12-8) controls the PORTC
pin output drivers, even when they are being used as
analog inputs. The user should ensure the bits in the
TRISC register are maintained set when using them as
analog inputs. I/O pins configured as analog input always
read ‘0’.
12.3.1
ANSELC REGISTER
The ANSELC register (Register 12-10) is used to
configure the Input mode of an I/O pin to analog.
Setting the appropriate ANSELC bit high will cause all
digital reads on the pin to be read as ‘0’ and allow
analog functions on the pin to operate correctly.
The state of the ANSELC bits has no affect on digital out-
put functions. A pin with TRIS clear and ANSELC set will
still operate as a digital output, but the Input mode will be
analog. This can cause unexpected behavior when exe-
cuting read-modify-write instructions on the affected
port.
EXAMPLE 12-2:
INITIALIZING PORTC
12.3.2
PORTC FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTC pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are briefly described here. For additional information,
refer to the appropriate section in this data sheet.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the lowest number in
the following lists.
Analog input and some digital input functions are not
included in the list below. These input functions can
remain active when the pin is configured as an output.
Certain digital input functions override other port
functions and are included in the priority list.
RC0
1.
SCL (MSSP)
2.
SCK (MSSP)
RC1
1.
SDA (MSSP)
RC2
1.
SDO (MSSP)
2.
P1D
RC3
1.
P1C
RC4
1.
MDOUT
2.
SRNQ
3.
C2OUT
4.
TX/CK
5.
P1B
RC5
1.
RX/DT
2.
CCP1/P1A
Note:
The ANSELC register must be initialized
to configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’.
BANKSEL PORTC
;
CLRF
PORTC
;Init PORTC
BANKSEL LATC
;Data Latch
CLRF
LATC
;
BANKSEL ANSELC
CLRF
ANSELC
;Make RC<5:0> digital
BANKSEL TRISB
;
MOVLW
B’00110000’;Set RC<5:4> as inputs
;and RC<3:0> as outputs
MOVWF
TRISC
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com