Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F1822-E/ST Datasheet(PDF) 199 Page - Microchip Technology

Part # PIC12F1822-E/ST
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/ST Datasheet(HTML) 199 Page - Microchip Technology

Back Button PIC12F1822-E/ST Datasheet HTML 195Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 196Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 197Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 198Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 199Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 200Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 201Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 202Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 199
PIC12F/LF1822/16F/LF1823
23.0 CAPTURE/COMPARE/PWM
MODULES
The Capture/Compare/PWM module is a peripheral
which allows the user to time and control different
events, and to generate Pulse-Width Modulation
(PWM) signals. In Capture mode, the peripheral allows
the timing of the duration of an event. The Compare
mode allows the user to trigger an external event when
a predetermined amount of time has expired. The
PWM mode can generate Pulse-Width Modulated
signals of varying frequency and duty cycle.
This family of devices contains one Enhanced Capture/
Compare/PWM module (ECCP1).
The Full-Bridge ECCP module has four available I/O
pins, while the Half-Bridge ECCP module only has two.
See Table 23-1.
TABLE 23-1:
PWM RESOURCES
Device Name
ECCP1
PIC12F/LF1822
Enhanced PWM Half-Bridge
PIC16F/LF1823
Enhanced PWM Full-Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com