| Electronic Components Datasheet Search |
|
PIC12F1822-E/ST Datasheet(PDF) 394 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822-E/ST Datasheet(HTML) 394 Page - Microchip Technology |
|
394 / 398 page ![]() PIC12F/LF1822/16F/LF1823 DS41413A-page 394 Preliminary 2010 Microchip Technology Inc. TMR1H Register ....................................................... 172 TMR1L Register........................................................ 172 Timer2 ............................................................................... 184 Associated registers.................................................. 187 Timer2/4/6 Associated registers.................................................. 187 Timers Timer1 T1CON.............................................................. 180 T1GCON ........................................................... 181 Timer2 T2CON.............................................................. 186 Timing Diagrams A/D Conversion......................................................... 356 A/D Conversion (Sleep Mode) .................................. 356 Acknowledge Sequence ........................................... 265 Asynchronous Reception .......................................... 286 Asynchronous Transmission..................................... 282 Asynchronous Transmission (Back to Back) ............ 282 Auto Wake-up Bit (WUE) During Normal Operation . 298 Auto Wake-up Bit (WUE) During Sleep .................... 298 Automatic Baud Rate Calibration .............................. 296 Baud Rate Generator with Clock Arbitration ............. 258 BRG Reset Due to SDA Arbitration During Start Condition........................................................... 269 Brown-out Reset (BOR) ............................................ 352 Brown-out Reset Situations ........................................ 77 Bus Collision During a Repeated Start Condition (Case 1) ............................................................ 270 Bus Collision During a Repeated Start Condition (Case 2) ............................................................ 270 Bus Collision During a Start Condition (SCL = 0) ..... 269 Bus Collision During a Stop Condition (Case 1) ....... 271 Bus Collision During a Stop Condition (Case 2) ....... 271 Bus Collision During Start Condition (SDA only) ...... 268 Bus Collision for Transmit and Acknowledge............ 267 CLKOUT and I/O....................................................... 350 Clock Synchronization .............................................. 255 Clock Timing ............................................................. 348 Comparator Output ................................................... 159 Enhanced Capture/Compare/PWM (ECCP) ............. 354 Fail-Safe Clock Monitor (FSCM) ................................. 67 First Start Bit Timing ................................................. 259 Full-Bridge PWM Output ........................................... 213 Half-Bridge PWM Output .................................. 211, 217 I2C Bus Data ............................................................. 362 I2C Bus Start/Stop Bits.............................................. 361 I2C Master Mode (7 or 10-Bit Transmission) ............ 262 I2C Master Mode (7-Bit Reception)........................... 264 I2C Stop Condition Receive or Transmit Mode ......... 266 INT Pin Interrupt.......................................................... 87 Internal Oscillator Switch Timing................................. 62 PWM Auto-shutdown ................................................ 216 Firmware Restart .............................................. 216 PWM Direction Change ............................................ 214 PWM Direction Change at Near 100% Duty Cycle ... 215 PWM Output (Active-High)........................................ 209 PWM Output (Active-Low) ........................................ 210 Repeat Start Condition.............................................. 260 Reset Start-up Sequence............................................ 79 Reset, WDT, OST and Power-up Timer ................... 351 Send Break Character Sequence ............................. 299 SPI Master Mode (CKE = 1, SMP = 1) ..................... 359 SPI Mode (Master Mode).......................................... 232 SPI Slave Mode (CKE = 0) ....................................... 360 SPI Slave Mode (CKE = 1) ....................................... 360 Synchronous Reception (Master Mode, SREN) ....... 303 Synchronous Transmission ...................................... 301 Synchronous Transmission (Through TXEN) ........... 301 Timer0 and Timer1 External Clock ........................... 353 Timer1 Incrementing Edge ....................................... 176 Two Speed Start-up.................................................... 65 USART Synchronous Receive (Master/Slave) ......... 358 USART Synchronous Transmission (Master/Slave) .................................................. 358 Wake-up from Interrupt............................................... 96 Timing Diagrams and Specifications PLL Clock ................................................................. 349 Timing Parameter Symbology .......................................... 347 Timing Requirements I2C Bus Data............................................................. 363 SPI Mode .................................................................. 361 TMR0 Register.................................................................... 31 TMR1H Register ................................................................. 31 TMR1L Register.................................................................. 31 TMR2 Register.................................................................... 31 TRIS.................................................................................. 332 TRISA Register........................................................... 32, 121 TRISC Register........................................................... 32, 125 Two-Speed Clock Start-up Mode........................................ 64 TXREG ............................................................................. 281 TXREG Register ................................................................. 34 TXSTA Register.......................................................... 34, 288 BRGH Bit .................................................................. 291 U USART Synchronous Master Mode Requirements, Synchronous Receive .............. 358 Requirements, Synchronous Transmission...... 358 Timing Diagram, Synchronous Receive ........... 358 Timing Diagram, Synchronous Transmission... 358 V VREF. SEE ADC Reference Voltage W Wake-up on Break ............................................................ 297 Wake-up Using Interrupts ................................................... 96 Watchdog Timer (WDT)...................................................... 78 Modes....................................................................... 100 Specifications ........................................................... 353 WCOL ....................................................... 258, 261, 263, 265 WCOL Status Flag.................................... 258, 261, 263, 265 WDTCON Register ........................................................... 101 WPUB Register................................................................. 123 WPUC Register ................................................................ 126 Write Protection .................................................................. 53 WWW Address ................................................................. 395 WWW, On-Line Support ..................................................... 10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |