Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F1822T-E/ML Datasheet(PDF) 255 Page - Microchip Technology

Part # PIC12F1822T-E/ML
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822T-E/ML Datasheet(HTML) 255 Page - Microchip Technology

Back Button PIC12F1822T-E/ML Datasheet HTML 251Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 252Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 253Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 254Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 255Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 256Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 257Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 258Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 259Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 255
PIC12F/LF1822/16F/LF1823
24.5.6
CLOCK STRETCHING
Clock stretching occurs when a device on the bus
holds the SCL line low effectively pausing communica-
tion. The slave may stretch the clock to allow more
time to handle data or prepare a response for the mas-
ter device. A master device is not concerned with
stretching as anytime it is active on the bus and not
transferring data it is stretching. Any stretching done
by a slave is invisible to the master software and han-
dled by the hardware that generates SCL.
The CKP bit of the SSP1CON1 register is used to con-
trol stretching in software. Any time the CKP bit is
cleared, the module will wait for the SCL line to go low
and then hold it. Setting CKP will release SCL and
allow more communication.
24.5.6.1
Normal Clock Stretching
Following an ACK if the R/W bit of SSP1STAT is set, a
read request, the slave hardware will clear CKP. This
allows the slave time to update SSP1BUF with data to
transfer to the master. If the SEN bit of SSP1CON2 is
set, the slave hardware will always stretch the clock
after the ACK sequence. Once the slave is ready; CKP
is set by software and communication resumes.
24.5.6.2
10-bit Addressing Mode
In 10-bit Addressing mode, when the UA bit is set, the
clock is always stretched. This is the only time the SCL
is stretched without CKP being cleared. SCL is
released immediately after a write to SSP1ADD.
24.5.6.3
Byte NACKing
When AHEN bit of SSP1CON3 is set; CKP is cleared
by hardware after the 8th falling edge of SCL for a
received matching address byte. When DHEN bit of
SSP1CON3 is set; CKP is cleared after the 8th falling
edge of SCL for received data.
Stretching after the 8th falling edge of SCL allows the
slave to look at the received address or data and
decide if it wants to ACK the received data.
24.5.7
CLOCK SYNCHRONIZATION AND
THE CKP BIT
Any time the CKP bit is cleared, the module will wait
for the SCL line to go low and then hold it. However,
clearing the CKP bit will not assert the SCL output low
until the SCL output is already sampled low. There-
fore, the CKP bit will not assert the SCL line until an
external I2C master device has already asserted the
SCL line. The SCL output will remain low until the CKP
bit is set and all other devices on the I2C bus have
released SCL. This ensures that a write to the CKP bit
will not violate the minimum high time requirement for
SCL (see Figure 24-22).
FIGURE 24-23:
CLOCK SYNCHRONIZATION TIMING
Note 1: The BF bit has no effect on if the clock will
be stretched or not. This is different than
previous versions of the module that
would not stretch the clock, clear CKP, if
SSP1BUF was read before the 9th falling
edge of SCL.
2: Previous versions of the module did not
stretch the clock for a transmission if
SSP1BUF was loaded before the 9th fall-
ing edge of SCL. It is now always cleared
for read requests.
Note: Previous versions of the module did not
stretch the clock if the second address byte
did not match.
SDA
SCL
DX ‚
– 1
DX
WR
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
SSP1CON1
CKP
Master device
releases clock
Master device
asserts clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com