Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F1822T-E/ML Datasheet(PDF) 387 Page - Microchip Technology

Part # PIC12F1822T-E/ML
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822T-E/ML Datasheet(HTML) 387 Page - Microchip Technology

Back Button PIC12F1822T-E/ML Datasheet HTML 383Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 384Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 385Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 386Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 387Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 388Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 389Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 390Page - Microchip Technology PIC12F1822T-E/ML Datasheet HTML 391Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 387
PIC12F/LF1822/16F/LF1823
APPENDIX A: DATA SHEET
REVISION HISTORY
Revision A
Original release (03/2010)
APPENDIX B: MIGRATING FROM
OTHER PIC®
DEVICES
This section provides comparisons when migrating
from
other
similar
PIC®
devices
to
the
PIC12F/LF1822/16F/LF1823 family of devices.
B.1
PIC16F648A to PIC16F/LF1823
TABLE B-1:
FEATURE COMPARISON
Feature
PIC16F648A PIC16F/LF1823
Max. Operating
Speed
20 MHz
32 MHz
Max. Program
Memory (Words)
4K
4K
Max. SRAM (Bytes)
256
384
Max. EEPROM
(Bytes)
256
256
A/D Resolution
10-bit
10-bit
Timers (8/16-bit)
2/1
4/1
Brown-out Reset
Y
Y
Internal Pull-ups
RB<7:0>
RA<5:0>, RA2
Interrupt-on-change
RB<7:4>
RA<5:0>, Edge
Selectable
Comparator
2
2
AUSART/EUSART
1/0
0/2
Extended WDT
N
Y
Software Control
Option of WDT/BOR
NY
INTOSC
Frequencies
48 kHz or
4 MHz
31 kHz -
32 MHz
Clock Switching
Y
Y
Capacitive Sensing
N
Y
CCP/ECCP
2/0
2/2
Enhanced PIC16
CPU
NY
MSSPx/SSPx
0
2/0
Reference Clock
N
Y
Data Signal
Modulator
NY
SR Latch
N
Y
Voltage Reference
N
Y
DAC
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com