Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F707T-E/ML Datasheet(PDF) 220 Page - Microchip Technology

Part # PIC16F707T-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-E/ML Datasheet(HTML) 220 Page - Microchip Technology

Back Button PIC16F707T-E/ML Datasheet HTML 216Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 217Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 218Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 219Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 220Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 221Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 222Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 223Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 224Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 284 page
background image
PIC16F707/PIC16LF707
DS41418A-page 220
Preliminary
 2010 Microchip Technology Inc.
FIGURE 25-10:
TIMER0/A/B AND TIMER1/3 EXTERNAL CLOCK TIMINGS
T0CKI/TACKI/TBCKI
T1CKI/T3CKI
40
41
42
45
46
47
49
TMRx
TABLE 25-5:
TIMER0/A/B AND TIMER1/3 EXTERNAL CLOCK REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
TA +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
40*
TT0H
T0CKI/TACKI/TBCKI High
Pulse Width
No Prescaler
0.5 TCY + 20
—
—
ns
With Pres-
caler
10
—
—
ns
41*
TT0L
T0CKI/TACKI/TBCKI Low
Pulse Width
No Prescaler
0.5 TCY + 20
—
—
ns
With Pres-
caler
10
—
—
ns
42*
TT0P
T0CKI/TACKI/TBCKI Period
Greater of:
20 or TCY + 40
N
—
—
ns
N = prescale value
(2, 4, ..., 256)
45*
TT1H
T1CKI/
T3CKI High
Time
Synchronous, No Prescaler
0.5 TCY + 20
—
—
ns
Synchronous, with Prescaler
15
—
—
ns
Asynchronous
30
—
—
ns
46*
TT1L
T1CKI/
T3CKI Low
Time
Synchronous, No Prescaler
0.5 TCY + 20
—
—
ns
Synchronous, with Prescaler
15
—
—
ns
Asynchronous
30
—
—
ns
47*
TT1P
T1CKI/
T3CKI Input
Period
Synchronous
Greater of:
30 or TCY + 40
N
—
—
ns
N = prescale value
(1, 2, 4, 8)
Asynchronous
60
—
—
ns
48
FT1
Timer1 Oscillator Input Frequency Range
(oscillator enabled by setting bit
T1OSCEN)
32.4
32.76
8
33.1
kHz
49*
TCKEZTMR
1
Delay from External Clock Edge to Timer
Increment
2 TOSC
—7 TOSC
—
Timers in Sync
mode
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com