Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F707T-E/ML Datasheet(PDF) 231 Page - Microchip Technology

Part # PIC16F707T-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-E/ML Datasheet(HTML) 231 Page - Microchip Technology

Back Button PIC16F707T-E/ML Datasheet HTML 227Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 228Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 229Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 230Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 231Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 232Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 233Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 234Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 235Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 284 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41418A-page 231
PIC16F707/PIC16LF707
26.0 DC AND AC CHARACTERISTICS GRAPHS AND CHARTS
“Typical” represents the mean of the distribution at 25
C. “Maximum” or “minimum” represents (mean + 3) or
(mean - 3
) respectively, where is a standard deviation, over the whole temperature range.
FIGURE 26-1:
PIC16F707 MAXIMUM IDD vs. FOSC OVER VDD, EC MODE, VCAP = 0.1µF
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
1.8V
2.5V
3V
3.6V
5V
0.00
200.00
400.00
600.00
800.00
1,000.00
1,200.00
1,400.00
1,600.00
1,800.00
2,000.00
2,200.00
1 MHz
4 MHz
8 MHz
12 MHz
16 MHz
20 MHz
VDD (V)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
(-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com